Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBACT2310H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EBACT2310H
Description  Timers Interval
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBACT2310H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EBACT2310H Datasheet HTML 1Page - List of Unclassifed Manufacturers EBACT2310H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (09.01.00)
1
Interval
• Time range 0.1 s to 10 h
• Automatic start
• Knob-adjustable time setting
• Knob selection of time range
• Oscillator-controlled time circuit
• Repeatability deviation:
≤ 0.2%
• Output: 5A SPDT
• For mounting on DIN-rail in accordance with
DIN/EN 50 022
• 22.5 mm Euronorm housing
• LED-indication for relay and power supply ON
• Combined AC and DC power supply
Product Description
Ordering Key
Housing
Function
Type
Output
Power supply
Time range
Mono-function timer with se-
lectable time ranges within
0,1 s to 1 m or 1 m to 10 h. For
mounting on DIN-rail. Often
used e.g. to empty a convey-
or belt of items.
Type Selection
Mounting
Output
Time range
Supply: 24 VAC/DC & 115-230 VAC
For DIN-rail
SPDT
0.1 s - 1 m
EBA C T23 1M
SPDT
1 m - 10 h
EBA C T23 10H
Time Specifications
Time ranges
Type 1 M
Selectable by rotary switch
0.1 s - 1 s
1 s
- 10 s
0,1 m - 1 m
Type 10 H
Selectable by rotary switch
1 m
- 10 m
0.1 h - 1 h
1 h
- 10 h
Time range accuracy
±10% on max.
min. actual time
≤ min. set time
(range 0,1s - 1
≤ 0,15s)
Repeatability deviation
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%/V
and ambient temperature
≤ 0.2%/°C
Reset
Time and relay
Power supply interruption
≥ 200 ms
Output Specifications
Output
SPDT relay
Rated insulation voltage
250 VAC (contact/elect.)
Contact ratings (AgCdO)
µ (micro gap)
Resistive loads
AC 1
5 A, 250 VAC
DC 1
5 A, 24 VDC
Small inductive loads
AC 15
2 A, 250 VAC
DC 13
3 A, 24 VDC
Mechanical life
≥ 40 x 106 operations
Electrical life
≥ 105 operations
(at max. load)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand volt.
4 kV (1.2/50 µs)
Type EBA
Timers
EBA C T23 1M


Similar Part No. - EBACT2310H

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBAC-XX-M ADAM-TECH-EBAC-XX-M Datasheet
73Kb / 1P
MODULAR EURO BLOCK
More results

Similar Description - EBACT2310H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
General Purpose Long Interval Timers
logo
List of Unclassifed Man...
B108024006 ETC2-B108024006 Datasheet
68Kb / 3P
Timers Interval
EBDCD23 ETC2-EBDCD23 Datasheet
61Kb / 2P
Timers Interval
EBECT2310H ETC2-EBECT2310H Datasheet
40Kb / 2P
Timers Interval, Delay on Release
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
Timers Interval
logo
Carlo Gavazzi Holding A...
EBS CARLOGAVAZZI-EBS Datasheet
95Kb / 2P
Timers Interval Type EBS
logo
Littelfuse
ERDI LITTELFUSE-ERDI Datasheet
494Kb / 2P
Dedicated - Interval
2016 Rev: 1-A-061016
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
Dedicated - Interval
2018 Rev: 1-A-101018
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com