Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERDI Datasheet (PDF) - Littelfuse

ERDI Datasheet PDF - Littelfuse
Part # ERDI
Download  ERDI Download
File Size   494.17 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Interval

ERDI Datasheet (PDF)

Go To PDF Page Download Datasheet
ERDI Datasheet PDF - Littelfuse

Part # ERDI
Download  ERDI Click to download

File Size   494.17 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Interval

ERDI Datasheet (HTML) - Littelfuse


ERDI Product details

Description
Econo-Timers are a combination of digital electronics and
an electromechanical relay. DPDT relay output for relay
logic circuits, and isolation of input to output voltages. For
applications, such as interval on, pulse shaping, minimum run
time, etc. The ERD Series is encapsulated to protect the
circuitry from shock, vibration and humidity.
Operation (Interval)
Upon application of input voltage, time delay begins, and output
relay energizes. At the end of time delay, output de-energizes
until input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.
Operation (Single Shot)
Input voltage must be applied before and during timing. Upon
momentary or maintained closure of initiate switch, output
relay energizes for time delay. At the end of the delay, output
de-energizes. Opening or reclosing initiate switch during timing
has no affect on time delay. Output will energize if initiate switch
is closed when input voltage is applied.
Reset: Reset occurs when time delay is complete & initiate
switch is opened. Loss of input voltage resets time delay
and output.

FEATURES BENEFITS
Digital integrated
circuitry
Repeat Accuracy + / - 0.5%,
Factory calibration +/ - 10%
Isolated, 10A, DPDT
output contacts Allows control of loads for AC or DC voltages
Encapsulated Protects against shock, vibration, and humidity




Similar Part No. - ERDI

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
Carbon Film Re sis tors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
More results


Similar Description - ERDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EBACT2310H ETC2-EBACT2310H Datasheet
29Kb / 2P
Timers Interval
logo
Littelfuse
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
Dedicated - Interval
2018 Rev: 1-A-101018
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KSPU LITTELFUSE-KSPU Datasheet
435Kb / 2P
Dedicated - Interval
2016 Rev: 1-A-062116
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com