Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC2222AHR Datasheet(PDF) 2 Page - STMicroelectronics

Part # SOC2222AHR
Description  Rad-Hard 50 V, 0.8 A NPN transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2222AHR Datasheet(HTML) 2 Page - STMicroelectronics

  SOC2222AHR Datasheet HTML 1Page - STMicroelectronics SOC2222AHR Datasheet HTML 2Page - STMicroelectronics SOC2222AHR Datasheet HTML 3Page - STMicroelectronics SOC2222AHR Datasheet HTML 4Page - STMicroelectronics SOC2222AHR Datasheet HTML 5Page - STMicroelectronics SOC2222AHR Datasheet HTML 6Page - STMicroelectronics SOC2222AHR Datasheet HTML 7Page - STMicroelectronics SOC2222AHR Datasheet HTML 8Page - STMicroelectronics SOC2222AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
75
V
VCEO
Collector-emitter voltage (IB = 0)
50
V
VEBO
Emitter-base voltage (IC = 0)
6
V
IC
Collector current
0.8
A
PTOT
Total dissipation at Tamb ≤ 25 °C
0.5
0.73(1)
W
TOP
Operating temperature range
-65 to 200
°C
TJ
Max. operating junction temperature
200
°C
1. When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (max)
350
°C/W
240(1)
1. When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
SOC2222AHR
Electrical ratings
DS14749 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com