Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC2222AHR Datasheet (PDF) - STMicroelectronics

SOC2222AHR Datasheet PDF - STMicroelectronics
Part # SOC2222AHR
Download  SOC2222AHR Download
File Size   221.24 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 50 V, 0.8 A NPN transistor

SOC2222AHR Datasheet (PDF)

Go To PDF Page Download Datasheet
SOC2222AHR Datasheet PDF - STMicroelectronics

Part # SOC2222AHR
Download  SOC2222AHR Click to download

File Size   221.24 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 50 V, 0.8 A NPN transistor

SOC2222AHR Datasheet (HTML) - STMicroelectronics


SOC2222AHR Product details

Features
• Hermetic packages
• ESCC qualified
• 100 krad

Description
The SOC2222AHR is a bipolar transistor able to operate under severe environment
conditions and radiation exposure providing high immunity to total ionizing dose
(TID).
Qualified as per ESCC 5201/002 specification and available in LCC-3 hermetic
package, it is specifically recommended for space and harsh environment
applications and suitable for low current and high precision circuits such
preamplifiers, oscillators, current mirror configuration.
In case of discrepancies between this datasheet and the relevant agency
specification, the latter takes precedence.




Similar Part No. - SOC2222AHR

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SOC20C SUNTSU-SOC20C Datasheet
416Kb / 3P
Metal DIP CMOS OCXO
SOC20C03F05A SUNTSU-SOC20C03F05A Datasheet
416Kb / 3P
Metal DIP CMOS OCXO
SOC20C03F05B SUNTSU-SOC20C03F05B Datasheet
416Kb / 3P
Metal DIP CMOS OCXO
SOC20C03F15A SUNTSU-SOC20C03F15A Datasheet
416Kb / 3P
Metal DIP CMOS OCXO
SOC20C03F15B SUNTSU-SOC20C03F15B Datasheet
416Kb / 3P
Metal DIP CMOS OCXO
More results


Similar Description - SOC2222AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
Hi-Rel 40 V - 0.8 A NPN transistor
14-May-2012
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
Rad-hard 12-bit 50 Msps A/D converter
29-Jul-2011
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2N3810HR STMICROELECTRONICS-2N3810HR Datasheet
359Kb / 14P
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
08-Sep-2020
2ST15300 STMICROELECTRONICS-2ST15300 Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
logo
Microsemi Corporation
MSR2N2369AUB MICROSEMI-MSR2N2369AUB Datasheet
517Kb / 7P
Rad Hard NPN Silicon High Speed Switching Transistor
Rev. 1
logo
STMicroelectronics
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com