Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC2222AHR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SOC2222AHR
Description  Rad-Hard 50 V, 0.8 A NPN transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2222AHR Datasheet(HTML) 4 Page - STMicroelectronics

  SOC2222AHR Datasheet HTML 1Page - STMicroelectronics SOC2222AHR Datasheet HTML 2Page - STMicroelectronics SOC2222AHR Datasheet HTML 3Page - STMicroelectronics SOC2222AHR Datasheet HTML 4Page - STMicroelectronics SOC2222AHR Datasheet HTML 5Page - STMicroelectronics SOC2222AHR Datasheet HTML 6Page - STMicroelectronics SOC2222AHR Datasheet HTML 7Page - STMicroelectronics SOC2222AHR Datasheet HTML 8Page - STMicroelectronics SOC2222AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2.1
Radiation assurance
Radiation test are guaranteed in compliance with ESCC 22900 and ESCC 5201/002 specifications.
Each lot is tested in radiation according to the following procedure:
•
Radiation condition of 0.1 rad (Si)/s.
•
Test of 11 samples by wafer, 5 biased at 80% of V(BR)CEO, 5 unbiased and for reference.
•
Acceptance criteria in compliance with the post radiation electrical characteristics as per Table 4.
Table 4. ESCC 5201/002 post radiation electrical characteristics (Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Max
Unit
ICBO
Collector cut-off current (IE = 0)
VCB= 60 V
10
nA
IEBO
Emitter cut-off current (IC= 0)
VEB = 3 V
10
nA
V(BR)CBO
Collector-base breakdown voltage (IE= 0)
IC=100 μA
75
V
V(BR)CEO(1)
Collector-emitter breakdown voltage (IB = 0)
IC = 10 mA
50
V
V(BR)EBO
Emitter-base breakdown voltage (IC= 0)
IE = 100 μA
6
V
VCE(sat)(1)
Collector-emitter saturation voltage
IC=150 mA, IB = 15 mA
0.3
V
VBE(sat)(1)
Base-emitter saturation voltage
IC=150 mA, IB = 15 mA
1.2
V
[hFE](1)
Post irradiation gain calculation (2)
IC= 0.1 mA, VCE= 10 V
[17.5]
IC= 10 mA, VCE= 10 V
[37.5]
IC= 150 mA, VCE= 10 V
[50]
300
IC= 500 mA, VCE= 10 V
[20]
1. Pulsed duration = 300 μs, duty cycle ≥ 2 %
2. The post-irradiation gain calculation of [hFE], made using hFE measurements from prior to and on completion of irradiation
testing and after each annealing step if any, shall be as specified in MILSTD-750 method 1019.
SOC2222AHR
Electrical characteristics
DS14749 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com