Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF80N240K6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF80N240K6
Description  N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF80N240K6 Datasheet(HTML) 1 Page - STMicroelectronics

  STF80N240K6 Datasheet HTML 1Page - STMicroelectronics STF80N240K6 Datasheet HTML 2Page - STMicroelectronics STF80N240K6 Datasheet HTML 3Page - STMicroelectronics STF80N240K6 Datasheet HTML 4Page - STMicroelectronics STF80N240K6 Datasheet HTML 5Page - STMicroelectronics STF80N240K6 Datasheet HTML 6Page - STMicroelectronics STF80N240K6 Datasheet HTML 7Page - STMicroelectronics STF80N240K6 Datasheet HTML 8Page - STMicroelectronics STF80N240K6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Order code
VDS
RDS(on) max.
ID
STF80N240K6
800 V
220 mΩ
16 A
•
Worldwide best RDS(on) x area
•
Worldwide best FOM (figure of merit)
•
Ultra low gate charge
•
100% avalanche tested
•
Zener-protected
Applications
•
Flyback converter
•
Adapters for tablets, notebook and AIO
•
LED lighting
Description
This very high voltage N-channel Power MOSFET is designed using the ultimate
MDmesh K6 technology based on 20 years STMicroelectronics experience on super
junction technology. The result is the best-in-class on-resistance per area and gate
charge for applications requiring superior power density and high efficiency.
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Product status link
STF80N240K6
Product summary
Order code
STF80N240K6
Marking
80N240K6
Package
TO-220FP
Packing
Tube
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET
in a TO-220FP package
STF80N240K6
Datasheet
DS13794 - Rev 3 - February 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STF80N240K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF80N10F7 STMICROELECTRONICS-STF80N10F7 Datasheet
1Mb / 25P
Ultra low on-resistance
07-Feb-2014
logo
Inchange Semiconductor ...
STF80N10F7 ISC-STF80N10F7 Datasheet
282Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STF80N240K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF10N80K5 STMICROELECTRONICS-STF10N80K5 Datasheet
576Kb / 14P
N-channel 800 V, 0.470 ??typ., 9 A MDmesh™K5 Power MOSFET in a TO-220FP package
05-Nov-2014
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
N-channel 800 V, 0.23 Ω typ., 16 A MDmesh™K5 Power MOSFET in a TO-220FP package
28-Aug-2015
STP80N240K6 STMICROELECTRONICS-STP80N240K6 Datasheet
259Kb / 13P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220 package
February 2022
STF46N60M6 STMICROELECTRONICS-STF46N60M6 Datasheet
456Kb / 12P
N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220FP package
20-Nov-2019
STD80N240K6 STMICROELECTRONICS-STD80N240K6 Datasheet
355Kb / 16P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a DPAK package
29-Sep-2022
STP80N240K6 STMICROELECTRONICS-STP80N240K6_V01 Datasheet
255Kb / 13P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220 package
29-Sep-2022
STP80N340K6 STMICROELECTRONICS-STP80N340K6 Datasheet
292Kb / 13P
N-channel 800 V, 285 mΩ typ., 12 A MDmesh K6 Power MOSFET in a TO-220 package
28-Sep-2022
STP80N450K6 STMICROELECTRONICS-STP80N450K6 Datasheet
270Kb / 13P
N-channel 800 V, 380 mΩ typ., 10 A MDmesh K6 Power MOSFET in a TO-220 package
15-Sep-2022
STD80N340K6 STMICROELECTRONICS-STD80N340K6 Datasheet
347Kb / 16P
N-channel 800 V, 285 mΩ typ., 12 A MDmesh K6 Power MOSFET in a DPAK package
30-Sep-2022
STD80N450K6 STMICROELECTRONICS-STD80N450K6 Datasheet
348Kb / 16P
N-channel 800 V, 380 mΩ typ., 10 A MDmesh K6 Power MOSFET in a DPAK package
26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com