Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF80N240K6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF80N240K6
Description  N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF80N240K6 Datasheet(HTML) 2 Page - STMicroelectronics

  STF80N240K6 Datasheet HTML 1Page - STMicroelectronics STF80N240K6 Datasheet HTML 2Page - STMicroelectronics STF80N240K6 Datasheet HTML 3Page - STMicroelectronics STF80N240K6 Datasheet HTML 4Page - STMicroelectronics STF80N240K6 Datasheet HTML 5Page - STMicroelectronics STF80N240K6 Datasheet HTML 6Page - STMicroelectronics STF80N240K6 Datasheet HTML 7Page - STMicroelectronics STF80N240K6 Datasheet HTML 8Page - STMicroelectronics STF80N240K6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±30
V
ID(1)
Drain current (continuous) at TC = 25 °C
16
A
Drain current (continuous) at TC = 100 °C
10
IDM(2)
Drain current (pulsed)
35
A
PTOT
Total power dissipation at TC = 25 °C
27
W
di/dt(3)
Peak diode recovery voltage slope
5
V/ns
dv/dt(3)
Peak diode recovery current slope
100
A/µs
dv/dt(4)
MOSFET dv/dt ruggedness
120
V/ns
VISO
Insulation withstand voltage (RMS) from all three leads to external heat sink
(t = 1 s, TC = 25 °C)
2.5
kV
Tstg
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
°C
1. Limited by package.
2. Pulse width limited by safe operating area.
3. ISD ≤ 4 A; VDD = 400 V
4. VDS ≤ 640 V
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
4.7
°C/W
RthJA
Thermal resistance, junction-to-ambient
62.5
°C/W
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (pulse width limited by TJ max.)
3.3
A
EAS
Single pulse avalanche energy (starting TJ = 25 °C, ID = IAR, VDD = 50 V)
200
mJ
STF80N240K6
Electrical ratings
DS13794 - Rev 3
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com