Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF80N240K6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF80N240K6
Description  N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF80N240K6 Datasheet(HTML) 3 Page - STMicroelectronics

  STF80N240K6 Datasheet HTML 1Page - STMicroelectronics STF80N240K6 Datasheet HTML 2Page - STMicroelectronics STF80N240K6 Datasheet HTML 3Page - STMicroelectronics STF80N240K6 Datasheet HTML 4Page - STMicroelectronics STF80N240K6 Datasheet HTML 5Page - STMicroelectronics STF80N240K6 Datasheet HTML 6Page - STMicroelectronics STF80N240K6 Datasheet HTML 7Page - STMicroelectronics STF80N240K6 Datasheet HTML 8Page - STMicroelectronics STF80N240K6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 4. On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
800
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 800 V
1
µA
VGS = 0 V, VDS = 800 V, TC = 125 °C(1)
50
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
±1
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3.0
3.5
4.0
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 7 A
197
220
mΩ
1. Specified by design, not tested in production.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 400 V, f = 1 MHz, VGS = 0 V
-
1350
-
pF
Coss
Output capacitance
-
20
-
pF
Co(er)(1)
Equivalent capacitance energy
related
VDS = 0 to 640 V, VGS = 0 V
-
25
-
pF
Co(tr)(2)
Equivalent capacitance time
related
-
139
-
pF
RG
Intrinsic gate resistance
f = 1 MHz , ID = 0 A
-
1.8
-
Ω
Qg
Total gate charge
VDD = 640 V, ID = 7 A, VGS = 0 to 10 V
(see Figure 18. Test circuit for gate
charge behavior)
-
25.9
-
nC
Qgs
Gate-source charge
-
6.9
-
nC
Qgd
Gate-drain charge
-
8.4
-
nC
1. Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 V to the stated
value.
2. Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 V to the stated
value.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 7 A,
RG = 4.7 Ω, VGS = 10 V
see (Figure 16. Test circuit for resistive
load switching times and
Figure 17. Switching time waveform)
-
16
-
ns
tr
Rise time
-
5.3
-
ns
td(off)
Turn-off delay time
-
47.8
-
ns
tf
Fall time
-
12
-
ns
STF80N240K6
Electrical characteristics
DS13794 - Rev 3
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com