Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5060ATS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TSA5060ATS
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060ATS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TSA5060ATS Datasheet HTML 13Page - NXP Semiconductors TSA5060ATS Datasheet HTML 14Page - NXP Semiconductors TSA5060ATS Datasheet HTML 15Page - NXP Semiconductors TSA5060ATS Datasheet HTML 16Page - NXP Semiconductors TSA5060ATS Datasheet HTML 17Page - NXP Semiconductors TSA5060ATS Datasheet HTML 18Page - NXP Semiconductors TSA5060ATS Datasheet HTML 19Page - NXP Semiconductors TSA5060ATS Datasheet HTML 20Page - NXP Semiconductors TSA5060ATS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
2000 Oct 24
17
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
RF input impedance
handbook, full pagewidth
FCE721
0.2
0.5
1
2
5
0.2
0.5
1
2
5
10
10
0
0.2
0.5
1
2
5
10
+ j
− j
∞
64 MHz
1.3 GHz
Fig.6 RF input impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com