Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5060ATS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TSA5060ATS
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060ATS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TSA5060ATS Datasheet HTML 15Page - NXP Semiconductors TSA5060ATS Datasheet HTML 16Page - NXP Semiconductors TSA5060ATS Datasheet HTML 17Page - NXP Semiconductors TSA5060ATS Datasheet HTML 18Page - NXP Semiconductors TSA5060ATS Datasheet HTML 19Page - NXP Semiconductors TSA5060ATS Datasheet HTML 20Page - NXP Semiconductors TSA5060ATS Datasheet HTML 21Page - NXP Semiconductors TSA5060ATS Datasheet HTML 22Page - NXP Semiconductors TSA5060ATS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
2000 Oct 24
19
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
UNIT
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.00
1.4
1.2
0.32
0.20
0.25
0.13
5.30
5.10
4.5
4.3
0.65
6.6
6.2
0.65
0.45
0.48
0.18
10
0
o
o
0.13
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.20 mm maximum per side are not included.
0.75
0.45
1.0
SOT369-1
MO-152
95-02-04
99-12-27
w M
θ
A
A1
A2
b p
D
y
HE
L p
Q
detail X
E
Z
e
c
L
v M A
X
(A )
3
A
0.25
18
16
9
pin 1 index
0
2.5
5 mm
scale
SSOP16: plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1
A
max.
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com