Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5060ATS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TSA5060ATS
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060ATS Datasheet(HTML) 3 Page - NXP Semiconductors

  TSA5060ATS Datasheet HTML 1Page - NXP Semiconductors TSA5060ATS Datasheet HTML 2Page - NXP Semiconductors TSA5060ATS Datasheet HTML 3Page - NXP Semiconductors TSA5060ATS Datasheet HTML 4Page - NXP Semiconductors TSA5060ATS Datasheet HTML 5Page - NXP Semiconductors TSA5060ATS Datasheet HTML 6Page - NXP Semiconductors TSA5060ATS Datasheet HTML 7Page - NXP Semiconductors TSA5060ATS Datasheet HTML 8Page - NXP Semiconductors TSA5060ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Oct 24
3
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
QUICK REFERENCE DATA
VCC = 4.5 to 5.5 V; Tamb = −20 to +85 °C; unless otherwise specified.
Note
1. Asymmetrical drive on pin RFA or RFB; see Fig.3.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.5
5.0
5.5
V
ICC
supply current
Tamb =25 °C
303745mA
fi(RF)
RF input frequency
64
−
1300
MHz
Vi(RF)(rms)
RF input voltage (RMS value)
fi(RF) from 64 to 150 MHz; note 1
12.6
−
300
mV
−25
−
+2.5
dBm
fi(RF) from 150 to 1300 MHz; note 1 7.1
−
300
mV
−30
−
+2.5
dBm
fxtal
crystal frequency
4
−
16
MHz
Tamb
ambient temperature
−20
−
+85
°C
Tstg
storage temperature
−40
−
+150
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TSA5060AT
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
TSA5060ATS
SSOP16
plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com