Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTS901 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # SWTS901
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWTS901 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SWTS901 Datasheet HTML 3Page - Seoul Semiconductor SWTS901 Datasheet HTML 4Page - Seoul Semiconductor SWTS901 Datasheet HTML 5Page - Seoul Semiconductor SWTS901 Datasheet HTML 6Page - Seoul Semiconductor SWTS901 Datasheet HTML 7Page - Seoul Semiconductor SWTS901 Datasheet HTML 8Page - Seoul Semiconductor SWTS901 Datasheet HTML 9Page - Seoul Semiconductor SWTS901 Datasheet HTML 10Page - Seoul Semiconductor SWTS901 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev. 1.00
SWTS901
Color Coordinate vs. Forward Current
Spectrum
0.2940 0.2942 0.2944 0.2946 0.2948
0.2820
0.2825
0.2830
0.2835
0.2840
Ta = 25
OC
1 mA
30 mA
x Coord.
400
500
600
700
800
Ta = 25
OC
IF = 20 mA
Wavelength [nm]
Forward Voltage vs. Ambient Temperature
Color Coordinate vs. Ambient Temperature
-30 -15
0
1530456075
90
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
IF = 20 mA
Ambient Temperature [
oC]
0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33
0.26
0.27
0.28
0.29
0.30
0.31
0.32
IF = 20 mA
x Coord.
25
oC
85
oC
-30
oC
SEOUL SEMICONDUCTOR CO., LTD.
6
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com