Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTS901 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SWTS901
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWTS901 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SWTS901 Datasheet HTML 7Page - Seoul Semiconductor SWTS901 Datasheet HTML 8Page - Seoul Semiconductor SWTS901 Datasheet HTML 9Page - Seoul Semiconductor SWTS901 Datasheet HTML 10Page - Seoul Semiconductor SWTS901 Datasheet HTML 11Page - Seoul Semiconductor SWTS901 Datasheet HTML 12Page - Seoul Semiconductor SWTS901 Datasheet HTML 13Page - Seoul Semiconductor SWTS901 Datasheet HTML 14Page - Seoul Semiconductor SWTS901 Datasheet HTML 15Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
-7-03-44(갑)
Rev. 1.00
SWTS901
9. Soldering Profile
The LED can be soldered in place using the reflow soldering method.
(1)
Lead solder
Preliminary heating to be at maximum 210°C for maximum 2 minutes.
Soldering heat to be at maximum 240°C for maximum 10 seconds.
0
15
30
45
60
75
90
105 120 135 150 165 180 195
0
40
80
120
160
200
240
280
Soldering Times [sec]
(2)
Lead-free solder
Preliminary heating to be at maximum 220°C for maximum 2 minutes.
Soldering heat to be at maximum 260°C for maximum 10 seconds.
0
15
30
45
60
75
90
105 120 135 150 165 180 195
0
40
80
120
160
200
240
280
Soldering Times [sec]
(3)
Hand Soldering conditions
Not more than 5 seconds @MAX 300°C, under Soldering iron.
SEOUL SEMICONDUCTOR CO., LTD.
10
SSC-QP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com