Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTS901 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SWTS901
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWTS901 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SWTS901 Datasheet HTML 2Page - Seoul Semiconductor SWTS901 Datasheet HTML 3Page - Seoul Semiconductor SWTS901 Datasheet HTML 4Page - Seoul Semiconductor SWTS901 Datasheet HTML 5Page - Seoul Semiconductor SWTS901 Datasheet HTML 6Page - Seoul Semiconductor SWTS901 Datasheet HTML 7Page - Seoul Semiconductor SWTS901 Datasheet HTML 8Page - Seoul Semiconductor SWTS901 Datasheet HTML 9Page - Seoul Semiconductor SWTS901 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Rev. 1.00
SWTS901
6. Characteristic Diagram
Forward Current vs. Forward Voltage
Intensity vs. Forward Current
2.6
2.8
3.0
3.2
3.4
3.6
3.8
1
10
Ta = 25
OC
Forward Voltage [V]
0
5
10
15
20
25
30
35
0
200
400
600
800
1000
Ta = 25
OC
Forward Current [mA]
Forward Current vs. Ambient Temperature
Radiation Diagram
-30 -15 0
1530 4560 75 90
0
5
10
15
20
25
30
Ambient temperature [
oC]
-100 -80 -60 -40 -20 0
20 40 60 80 100
0.0
0.5
1.0
Ta = 25
OC
x axis
y axis
Theta [
o]
y
x
SEOUL SEMICONDUCTOR CO., LTD.
5
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com