Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD2 Datasheet(PDF) 1 Page - ams AG

Part # DFD2
Description  DFD2 is a fast, static, master-slave D flip-flop with 2x drive strength. SET is asynchronous and active low.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

DFD2 Datasheet(HTML) 1 Page - ams AG

  DFD2 Datasheet HTML 1Page - ams AG DFD2 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DFD2 is a fast, static, master-slave D flip-flop with 2x drive strength. SET is
asynchronous and active low.
Truth Table
D
C
Q
QN
SN
Capacitance
SN
D
C
Q
QN
Ci (pF)
HH
É
H
L
D
0.025
HL
É
L
H
C
0.020
HX
Ê no change
SN
0.033
LX
X
H
L
Area
Power
1.76 mils
2
6.60 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay C to Q
tpdcqr
0.81
1.78
2.26
0.98
1.95
2.41
tpdcqf
0.73
1.64
2.08
0.88
1.80
2.23
Delay C to QN
tpdcqnr
0.98
1.94
2.43
1.13
2.08
2.58
tpdcqnf
1.07
1.95
2.40
1.25
2.13
2.57
Delay SN to Q
tpdsnq
0.81
1.77
2.25
1.14
2.09
2.58
Delay SN to QN
tpdsnqn
1.06
1.94
2.37
1.40
2.27
2.69
Output Slope C to Q
op_slcqr
0.66
3.42
5.01
0.65
3.53
5.01
op_slcqf
0.57
3.00
4.02
0.57
2.85
4.18
Output Slope C to QN
op_slcqnr
0.67
3.58
5.00
0.68
3.50
5.06
op_slcqnf
0.53
2.86
4.05
0.55
2.90
4.05
Output Slope SN to Q
op_slsnq
0.67
3.43
4.97
0.67
3.53
4.90
Output Slope SN to QN
op_slsnqn
0.56
2.87
4.15
0.56
2.82
4.11
Sept. 1996
- 116 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
DFD2
DFD2


Similar Part No. - DFD2

ManufacturerPart #DatasheetDescription
logo
NEC
DFD-104P NEC-DFD-104P Datasheet
2Mb / 45P
DC Line Fileters
DFD-104S NEC-DFD-104S Datasheet
2Mb / 45P
DC Line Fileters
logo
Sanyo Semicon Device
DFD05T SANYO-DFD05T Datasheet
47Kb / 2P
0.5A Power Rectifier
DFD30T SANYO-DFD30T Datasheet
54Kb / 2P
3.0A Power Rectifier
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
Hex D Master/Slave Flip-Flop
1996 REV 5
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10H176 ONSEMI-MC10H176 Datasheet
97Kb / 4P
Hex D Master-Slave Flip-Flop
1996 REV 5
logo
National Semiconductor ...
CD4027BM NSC-CD4027BM Datasheet
125Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
logo
List of Unclassifed Man...
DF82 ETC-DF82 Datasheet
9Kb / 1P
DF82 is a static, master-slave D flip-flop with 2x drive strength
logo
National Semiconductor ...
11C70 NSC-11C70 Datasheet
149Kb / 6P
MASTER-SLAVE D-TYPE FLIP-FLOP
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
ON Semiconductor
MC10176 ONSEMI-MC10176_02 Datasheet
109Kb / 8P
Hex D Master/Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
CD4027BCN FAIRCHILD-CD4027BCN Datasheet
68Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
Master-Slave Flip-Flop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com