Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5521 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TSA5521
Description  1.3 GHz universal bus-controlled TV synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5521 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TSA5521 Datasheet HTML 3Page - NXP Semiconductors TSA5521 Datasheet HTML 4Page - NXP Semiconductors TSA5521 Datasheet HTML 5Page - NXP Semiconductors TSA5521 Datasheet HTML 6Page - NXP Semiconductors TSA5521 Datasheet HTML 7Page - NXP Semiconductors TSA5521 Datasheet HTML 8Page - NXP Semiconductors TSA5521 Datasheet HTML 9Page - NXP Semiconductors TSA5521 Datasheet HTML 10Page - NXP Semiconductors TSA5521 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1996 Oct 10
7
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
Table 2
Bus format selection
Table 3
I2C-bus data format
Table 4
Description of Table 3
PIN
NAME
3-WIRE BUS MODE
I2C BUS MODE
11
SW
open or HIGH
LOW
13
SCL
clock input
SCL input
14
SDA
data input
SDA input/output
15
CE
chip enable input
address selection input
BYTE
MSB
DATA BYTE
LSB
SLAVE ANSWER
Address Byte (ADB)
1
1
0
0
0
MA1
MA0
0
A
Divider Byte 1 (DB1)
0
N14
N13
N12
N11
N10
N9
N8
A
Divider Byte 2 (DB2)
N7
N6
N5
N4
N3
N2
N1
N0
A
Control Byte (CB)
1
CP
T2
T1
T0
RSA
RSB
OS
A
Band switch Byte (BB)
XXXX
BS4
BS3
BS2
BS1
A
SYMBOL
DESCRIPTION
A
acknowledge
MA1 and MA0
programmable address bits (see Table 5)
N14 to N0
programmable divider bits; N = N14
× 214 + N13 × 213 + ... + N1 × 2+N0
CP
charge-pump current; CP = 0 = 60
µA; CP = 1 = 280 µA
T2 to T0
test bits (see Table 6); for normal operation T2 = 0, T1 = 0 and T0 = 1
RSA and RSB
reference divider ratio select bits (see Table 7)
OS
tuning amplifier control bit; for normal operation OS = 0 and tuning voltage is ON;
when OS = 1 tuning voltage is OFF (high impedance)
BS4 to BS1
PNP band switch buffers control bits; when BSn = 0 buffer n is OFF;
when BSn = 1 buffer n is ON
X
don’t care
Table 5
I2C-bus address selection
VOLTAGE APPLIED TO THE
CE INPUT (SW = LOW)
MA1
MA0
0 to 0.1VCC1
00
Always valid
0
1
0.4VCC1 to 0.6VCC1
10
0.9VCC1 to VCC1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com