Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5521 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TSA5521
Description  1.3 GHz universal bus-controlled TV synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5521 Datasheet(HTML) 3 Page - NXP Semiconductors

  TSA5521 Datasheet HTML 1Page - NXP Semiconductors TSA5521 Datasheet HTML 2Page - NXP Semiconductors TSA5521 Datasheet HTML 3Page - NXP Semiconductors TSA5521 Datasheet HTML 4Page - NXP Semiconductors TSA5521 Datasheet HTML 5Page - NXP Semiconductors TSA5521 Datasheet HTML 6Page - NXP Semiconductors TSA5521 Datasheet HTML 7Page - NXP Semiconductors TSA5521 Datasheet HTML 8Page - NXP Semiconductors TSA5521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1996 Oct 10
3
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
QUICK REFERENCE DATA
Notes
1. One band switch buffer ON with 40 mA.
2. One buffer ON, Io = 40 mA; two buffers ON, maximum sum of Io = 50 mA.
3. The power dissipation is calculated as follows:
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC1
supply voltage (+5 V)
4.5
−
5.5
V
VCC2
band switch supply voltage (12 V)
VCC1
12
13.5
V
ICC1
supply current
−
20
25
mA
ICC2
band switch supply current
note 1
−
50
55
mA
fRF
RF input frequency
64
−
1300
MHz
Vi(RF)
RF input voltage
80 to 150 MHz
−25
−
+3
dBm
150 MHz to 1 GHz
−28
−
+3
dBm
1 to 1.3 GHz
−15
−
+3
dBm
fxtal
crystal oscillator input frequency
3.2
4.0
4.48
MHz
Io(PNP)
PNP band switch buffers output current note 2
4
−
50
mA
Ptot
total power dissipation
note 3
−
250
400
mW
Tstg
IC storage temperature
−40
−
+150
°C
Tamb
operating ambient temperature
−20
−
+85
°C
P
D
V
CC1
I
CC1
V
CC2
I
CC2
I
o
–
() I
o
V
CE satPNP
()
V33 2
⁄
()
2
27 k
Ω
⁄
+
×
+
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com