Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5521 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TSA5521
Description  1.3 GHz universal bus-controlled TV synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5521 Datasheet(HTML) 4 Page - NXP Semiconductors

  TSA5521 Datasheet HTML 1Page - NXP Semiconductors TSA5521 Datasheet HTML 2Page - NXP Semiconductors TSA5521 Datasheet HTML 3Page - NXP Semiconductors TSA5521 Datasheet HTML 4Page - NXP Semiconductors TSA5521 Datasheet HTML 5Page - NXP Semiconductors TSA5521 Datasheet HTML 6Page - NXP Semiconductors TSA5521 Datasheet HTML 7Page - NXP Semiconductors TSA5521 Datasheet HTML 8Page - NXP Semiconductors TSA5521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1996 Oct 10
4
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
Table 1
Differences between TSA5520 and TSA5521
Notes
1. The selection of the reference divider is given by an automatic identification of the data word length.
2. The reference divider is set to 640 at power-on reset.
TYPE NUMBER
DATA WORD
REFERENCE DIVIDER
FREQUENCY STEP (kHz)
TSA5520
18-bit
512(1)
62.5
TSA5520
19-bit
1024(1)
31.25
TSA5521
18-bit or 19-bit
640(2)
50
The device has three independent I2C-bus addresses
which can be selected by applying a specific voltage on the
CE input (see Table 5). The general address C2 is always
valid. When the I2C-bus format is fully used, TSA5520 and
TSA5521 are equal.
3-wire bus format (SW = VCC1 or open-circuit)
Data is transmitted to the device during a HIGH level on
the CE input (enable line pin 15). The device is compatible
with 18-bit and 19-bit data formats. The first four bits are
used to program the PNP band switch buffers and the
remaining bits are used to control the programmable
divider. A 27-bit data format may also be used to set the
charge-pump current, the reference divider ratio and for
test purposes. The difference between TSA5520 and
TSA5521 are given in Table 1.
When the 27-bit format is used, the TSA5520 and
TSA5521 are equal and the reference divider is controlled
by the RSA and RSB bits (see Table 7). More details are
given in Chapter “Functional description” Section “3-wire
bus mode (SW = open-circuit or VCC1); see
Figs 3, 4 and 5”.
GENERAL DESCRIPTION
The device is a single-chip PLL frequency synthesizer
designed for TV and VCR tuning systems. The circuit
consists of a divide-by-eight prescaler with its own
preamplifier, a 15-bit programmable divider, a crystal
oscillator and its programmable reference divider and a
phase/frequency detector combined with a charge-pump
which drives the tuning amplifier and the 33 V output.
Four high-current PNP band switch buffers are provided
for band switching. Two PNP buffers can be switched on
simultaneously. The sum of the collector currents is limited
to 50 mA.
Depending on the reference divider ratio (512, 640 or
1024), the phase comparator operates at 3.90625 kHz,
6.25 kHz or 7.8125 kHz using a 4 MHz crystal.
The lock detector output is LOW when the PLL loop is
locked. In the test mode, this output is used as a test
output for fref and 1/2fdiv (see Table 6). The device can be
controlled in accordance with the I2C-bus format or the
3-wire bus format depending on the voltage applied to the
SW input (see Table 2).
I2C-bus format (SW = LOW)
Five serial bytes (including address byte) are required to
address the device, select the VCO frequency, program
the four PNP band switch buffers, set the charge-pump
current and the reference divider ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com