Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5523M/C1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TSA5523M/C1
Description  1.4 GHz I2C-bus controlled multimedia synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5523M/C1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TSA5523M/C1 Datasheet HTML 9Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 10Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 11Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 12Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 13Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 14Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 15Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 16Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Dec 17
13
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia
synthesizer
TSA5523M
Fig.5 Prescaler Smith chart (S11) of typical input impedance (ZL =50 Ω; pin 2).
handbook, full pagewidth
MGG753
0.2
0.5
1
2
5
0.2
0.5
1
2
5
10
10
∞
0
0.2
0.5
1
2
5
10
+ j
− j
1.3 GHz
1 GHz
100 MHz
500 MHz
APPLICATION INFORMATION
Tuning amplifier
The tuning amplifier is able to drive the varicap voltage
without an external transistor. The Vtune output must be
connected to an external load of 27 k
Ω connected to the
tuning voltage supply. Figures 6 and 7 illustrate a possible
loop filter. The component values depend on the oscillator
characteristics and the selected reference frequency.
Crystal oscillator
The crystal oscillator uses a 4.0 MHz crystal in series with
an 18 pF capacitor. The crystal operates in the series
resonance mode. The connection to VCC1 is preferred, but
it can also be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com