Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5523M/C1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TSA5523M/C1
Description  1.4 GHz I2C-bus controlled multimedia synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5523M/C1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TSA5523M/C1 Datasheet HTML 10Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 11Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 12Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 13Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 14Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 15Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 16Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 17Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1996 Dec 17
14
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia
synthesizer
TSA5523M
Fig.6 Typical application with DC/DC converter.
handbook, full pagewidth
MGG749
10 nF
1 mH
BC847
33 nF
22 k
Ω
200 k
Ω
56
Ω
+5 V
2 nF
33 nF
4.7 nF
220 pF
10 nF
1 mH
BAV99
1 nF
1 nF
10 nF
18 pF
4 MHz
XTAL
AS
SDA
SCL
P4
P5
P7
IDC
Vtune
Vtune
CP
AS
SDA
SCL
VHFL
VHFH
UHF
+5 V
VCC1
RF
RF
BS
P6
P3
P2
P1
P0
RF1
RF2
BS
P6
P3
GND
P2
P1
P0
11
12
13
14
15
16
17
18
19
20
1
2
10
9
8
7
6
5
4
3
TSA5523M
2.2 nF
10 nF
100 nF
27 k
Ω
27 k
Ω
Fig.7 Standard application.
handbook, full pagewidth
MGG750
1 nF
1 nF
10 nF
18 pF
4 MHz
XTAL
AS
SDA
SCL
P4
P5
P7
IDC
Vtune
Vtune
CP
AS
SDA
SCL
VHFL
VHFH
UHF
+5 V
+5 V
VCC1
RF
RF
BS
P6
P3
P2
P1
P0
RF1
RF2
BS
P6
P3
GND
P2
P1
P0
11
12
13
14
15
16
17
18
19
20
1
2
10
9
8
7
6
5
4
3
TSA5523M
+33 V
2.2 nF
10 nF
100 nF
27 k
Ω
27 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com