Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA5523M/C1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TSA5523M/C1
Description  1.4 GHz I2C-bus controlled multimedia synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5523M/C1 Datasheet(HTML) 3 Page - NXP Semiconductors

  TSA5523M/C1 Datasheet HTML 1Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 2Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 3Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 4Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 5Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 6Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 7Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 8Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1996 Dec 17
3
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia
synthesizer
TSA5523M
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC1
supply voltage
4.5
−
5.5
V
ICC1
supply current
−
22
30
mA
fRF
RF frequency range
64
−
1400
MHz
ViRF
RF input voltage level
80 to 150 MHz
−25
−
+3
dBm
150 MHz to 1 GHz
−28
−
+3
dBm
1 to 1.4 GHz
−26
−
+3
dBm
fXTAL
crystal oscillator frequency
−
4
−
MHz
INPN
NPN open-collector output
current
−
10
15
mA
Tamb
operating ambient temperature
−20
−
+85
°C
Tstg
IC storage temperature
−40
−
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com