Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838024 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 35Page - Renesas Technology Corp H838024 Datasheet HTML 36Page - Renesas Technology Corp H838024 Datasheet HTML 37Page - Renesas Technology Corp H838024 Datasheet HTML 38Page - Renesas Technology Corp H838024 Datasheet HTML 39Page - Renesas Technology Corp H838024 Datasheet HTML 40Page - Renesas Technology Corp H838024 Datasheet HTML 41Page - Renesas Technology Corp H838024 Datasheet HTML 42Page - Renesas Technology Corp H838024 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xxxix of xlii
12.3.1 A/D Conversion Operation .................................................................................. 406
12.3.2 Start of A/D Conversion by External Trigger Input ............................................ 406
12.3.3 A/D Converter Operation Modes......................................................................... 407
12.4
Interrupts........................................................................................................................... 407
12.5
Typical Use....................................................................................................................... 407
12.6
A/D Conversion Accuracy Definitions ............................................................................. 411
12.7
Application Notes ............................................................................................................. 413
12.7.1 Permissible Signal Source Impedance ................................................................. 413
12.7.2 Influences on Absolute Precision ........................................................................ 413
12.7.3 Additional Usage Notes ....................................................................................... 414
Section 13 LCD Controller/Driver ................................................................................. 415
13.1
Overview........................................................................................................................... 415
13.1.1 Features................................................................................................................ 415
13.1.2 Block Diagram..................................................................................................... 416
13.1.3 Pin Configuration ................................................................................................ 418
13.1.4 Register Configuration......................................................................................... 418
13.2
Register Descriptions........................................................................................................ 419
13.2.1 LCD Port Control Register (LPCR)..................................................................... 419
13.2.2 LCD Control Register (LCR) .............................................................................. 421
13.2.3 LCD Control Register 2 (LCR2) ......................................................................... 423
13.2.4 Clock Stop Register 2 (CKSTPR2) ..................................................................... 425
13.3
Operation .......................................................................................................................... 426
13.3.1 Settings up to LCD Display ................................................................................. 426
13.3.2 Relationship between LCD RAM and Display.................................................... 428
13.3.3 Operation in Power-Down Modes ....................................................................... 433
13.3.4 Boosting the LCD Drive Power Supply............................................................... 434
Section 14 Power-On Reset and Low-Voltage Detection Circuits
(H8/38124 Group Only)............................................................................... 435
14.1
Overview........................................................................................................................... 435
14.1.1 Features................................................................................................................ 435
14.1.2 Block Diagram..................................................................................................... 436
14.1.3 Pin Description .................................................................................................... 437
14.1.4 Register Descriptions........................................................................................... 437
14.2
Individual Register Descriptions....................................................................................... 437
14.2.1 Low-Voltage Detection Control Register (LVDCR) ........................................... 437
14.2.2 Low-Voltage Detection Status Register (LVDSR) .............................................. 440
14.2.3 Low-Voltage Detection Counter (LVDCNT) ...................................................... 442
14.2.4 Clock Stop Register 2 (CKSTPR2) ..................................................................... 442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com