Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838024 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 8Page - Renesas Technology Corp H838024 Datasheet HTML 9Page - Renesas Technology Corp H838024 Datasheet HTML 10Page - Renesas Technology Corp H838024 Datasheet HTML 11Page - Renesas Technology Corp H838024 Datasheet HTML 12Page - Renesas Technology Corp H838024 Datasheet HTML 13Page - Renesas Technology Corp H838024 Datasheet HTML 14Page - Renesas Technology Corp H838024 Datasheet HTML 15Page - Renesas Technology Corp H838024 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xii of xlii
Item
Page
Revision (See Manual for Details)
3.3.2 Interrupt
Control Registers
Interrupt Request
Register 2 (IRR2)
Bit 1
88
Table amended
Setting conditions:
When the timer C counter value overflows
or underflows
4.2 System Clock
Generator
Connecting a Ceramic
Oscillator
Figure 4.5(2) Typical
Connection to
Ceramic Oscillator
(H8/38024S,
H8/38124 Group)
108
Table and notes amended
Frequency
2.0 MHz
10.0 MHz
16.0 MHz*1
20.0 MHz*2
Murata
Ceramic
oscillator
Products name
CSTCC2M00G53-B0
CSTCC2M00G56-B0
CSTLS10M0G53-B0
CSTLS10M0G56-B0
CSTLS16M0X53-B0
CSTLS20M0X53-B0
15 pF
±20%
47 pF
±20%
15 pF
±20%
47 pF
±20%
15 pF
±20%
15 pF
±20%
C1, C2
Recommendation
value
Notes: Circuit constants should be determined in consultation
with the resonator manufacturer.
1. This does not apply to the H8/38024S Group.
2. H8/38124 Group only
Notes on Board
Design
Figure 4.6 Board
Design of Oscillator
Circuit
109
Figure amended
OSC
OSC
C1
C2
Signal A
Signal B
2
1
To be avoided
××
4.6 Notes on
H8/38124 Group
118
Description amended
Consequently, even if the on-chip oscillator is selected when
using the on-chip emulator, pins OSC1 and OSC2 should be
connected to an oscillator, or an external clock should be
supplied.
5.1 Overview
Table 5.1 Operating
Modes
119
Table amended
Operating Mode
Description
Subactive mode
The CPU and all on-chip peripheral functions are operable on
the subclock in low-speed operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com