Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838024 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 15Page - Renesas Technology Corp H838024 Datasheet HTML 16Page - Renesas Technology Corp H838024 Datasheet HTML 17Page - Renesas Technology Corp H838024 Datasheet HTML 18Page - Renesas Technology Corp H838024 Datasheet HTML 19Page - Renesas Technology Corp H838024 Datasheet HTML 20Page - Renesas Technology Corp H838024 Datasheet HTML 21Page - Renesas Technology Corp H838024 Datasheet HTML 22Page - Renesas Technology Corp H838024 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xix of xlii
Item
Page
Revision (See Manual for Details)
10.2.8 Bit Rate
Register (BRR)
Table 10.5 Maximum
Bit Rate for Each
Frequency
(Asynchronous Mode)
350
Table amended
Setting
OSC (MHz)
φφφφ (MHz)
Maximum Bit Rate
(bit/s)
n
N
0.0384*
0.0192
600
0
0
2
1
31250
0
0
2.4576
1.2288
38400
0
0
4
2
62500
0
0
10
5
156250
0
0
16
8
250000
0
0
20
10
312500
0
0
10.2.8 Bit Rate
Register (BRR)
Table 10.6 Examples
of BRR Settings for
Various Bit Rates
(Synchronous
Mode) (2)
352
Table amended
φ
10 MHz
Bit Rate
(bit/s)
n
N
Error
200
0
12499
0
250
2
624
0
300
0
8332
0
500
0
4999
0
1K
0
2499
0
2.5K
0
999
0
5K
0
499
0
10K
0
249
0
25K
0
99
0
50K
0
49
0
100K
0
24
0
250K
0
9
0
500K
0
4
0
1M
—
—
—
Notes amended
Notes: The value set in BRR is given by the following equation:
φ
N =
(4 • 2
2n • B)
– 1
where
B: Bit rate (bit/s)
N: Baud rate generator BRR setting (0
≤ N ≤ 255)
φ: System clock frequency
n: Baud rate generator input clock number (n = 0, 2, or 3)
(The relation between n and the clock is shown in table 10.7.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com