Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838024R Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 41Page - Renesas Technology Corp H838024R Datasheet HTML 42Page - Renesas Technology Corp H838024R Datasheet HTML 43Page - Renesas Technology Corp H838024R Datasheet HTML 44Page - Renesas Technology Corp H838024R Datasheet HTML 45Page - Renesas Technology Corp H838024R Datasheet HTML 46Page - Renesas Technology Corp H838024R Datasheet HTML 47Page - Renesas Technology Corp H838024R Datasheet HTML 48Page - Renesas Technology Corp H838024R Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 3 of 652
REJ09B0042-0700
Item
Specification
Clock pulse
generators
Two on-chip clock pulse generators
• System clock pulse generator:
1.0 to 16 MHz: H8/38024 Group
1.0 to 10 MHz: HD64F38024, HD64F38024R, and H8/38024S Group
2.0 to 20 MHz: H8/38124 Group
• Subclock pulse generator:
32.768 kHz, 38.4 kHz* (* does not apply to H8/38124 Group)
H8/38124 Group equipped with on-chip oscillator
Power-down
modes
Seven power-down modes
• Sleep (high-speed) mode
• Sleep (medium-speed) mode
• Standby mode
• Watch mode
• Subsleep mode
• Subactive mode
• Active (medium-speed) mode
Memory
Large on-chip memory
• H8/38024, H8/38024S, and H8/38124: 32-Kbyte ROM, 1-Kbyte RAM
• H8/38023, H8/38023S, and H8/38123: 24-Kbyte ROM, 1-Kbyte RAM
• H8/38022, H8/38022S, and H8/38122: 16-Kbyte ROM, 1-Kbyte RAM
• H8/38021, H8/38021S, and H8/38121: 12-Kbyte ROM, 512 byte RAM
• H8/38020, H8/38020S, and H8/38120: 8-Kbyte ROM, 512 byte RAM
I/O ports
66 pins
• 51 I/O pins (50 pins on H8/38124 Group)
• 9 input pins
• 6 output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com