Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838024R Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 16Page - Renesas Technology Corp H838024R Datasheet HTML 17Page - Renesas Technology Corp H838024R Datasheet HTML 18Page - Renesas Technology Corp H838024R Datasheet HTML 19Page - Renesas Technology Corp H838024R Datasheet HTML 20Page - Renesas Technology Corp H838024R Datasheet HTML 21Page - Renesas Technology Corp H838024R Datasheet HTML 22Page - Renesas Technology Corp H838024R Datasheet HTML 23Page - Renesas Technology Corp H838024R Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xx of xlii
Item
Page
Revision (See Manual for Details)
10.3.3 Operation in
Synchronous Mode
• Receiving
Figure 10.14
Example of Operation
when Receiving in
Synchronous Mode
374
Figure amended
Serial
clock
Serial
data
Bit 0
Bit 7
Bit 7
Bit 0
1 frame
1 frame
Bit 1
Bit 6
Bit 7
RDRF
OER
LSI
operation
User
processing
RXI request
RDR data read
RDRE cleared
to 0
RXI request
ERI request in
response to
overrun error
Overrun error
processing
RDR data has
not been read
(RDRF = 1)
11.3.1
Operation
396
Description amended
1. Set PWM1 or PWM2 in PMR9 to 1 for the PWM channel to
be used, so that pin P90/PWM1 or P91/PWM2 is designated as
the PWM output pin, or both are designated as PWM output
pins.
12.1.1 Features
399
Description amended
• Conversion time: approx. 12.4 µs per channel (at 5 MHz
operation)/6.2 µs (at 10 MHz operation)*
12.2.2 A/D Mode
Register (AMR)
Bit 7—Clock Select
(CKS)
403
Bit table and notes amended
Conversion Time
Bit 7
CKS
Conversion Period
φφφφ = 1 MHz
φφφφ = 5 MHz
φφφφ = 10 MHz*
2
0
62/
φ (initial value)
62 µs
12.4 µs
6.2 µs
1
31/
φ
31 µs
—*
1
—*
1
Notes: 1. With the H8/38024, H8/38024S, and H8/38024F-ZTAT operation cannot be guaranteed
if the conversion time is less than 12.4 µs. Make sure to select a setting that gives a
conversion time of 12.4
With the H8/38124 Group operation cannot be guaranteed if the conversion time is less
than 6.2 µs. Make sure to select a setting that gives a conversion time of 6.2 µs or
more.
µs or more.
2. H8/38124 Group only.
12.7.1 Permissible
Signal Source
Impedance
413
Title amended
12.7.2 Influences on
Absolute Precision
413
Title amended
12.7.3 Additional
Usage Notes
414
Title amended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com