Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H838024R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 9Page - Renesas Technology Corp H838024R Datasheet HTML 10Page - Renesas Technology Corp H838024R Datasheet HTML 11Page - Renesas Technology Corp H838024R Datasheet HTML 12Page - Renesas Technology Corp H838024R Datasheet HTML 13Page - Renesas Technology Corp H838024R Datasheet HTML 14Page - Renesas Technology Corp H838024R Datasheet HTML 15Page - Renesas Technology Corp H838024R Datasheet HTML 16Page - Renesas Technology Corp H838024R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xiii of xlii
Item
Page
Revision (See Manual for Details)
5.1 Overview
Figure 5.1 Mode
Transition Diagram
120
Notes amended
Notes: 1. A transition between different modes cannot be
made to occur simply because an interrupt request is
generated. Make sure that interrupts are enabled.
5.1.1 System Control
Registers
System Control
Register 1 (SYSCR1)
Bits 6 to 4
123
Note amended
Note:
If an external clock is being input, set standby timer select to
external clock mode before mode transition. Also, do not set
standby timer select to external clock mode if no external clock
is used. 8,192 states (STS2 = STS1 = STS0 = 0) is
recommended if the on-chip oscillator is used on the H8/38124
Group.
System Control
Register 2 (SYSCR2)
Bit 4
125
Description amended
When
φ
OSC = 2 to 20 MHz, clear NESEL to 0.
5.3.3 Oscillator
Stabilization Time
after Standby Mode is
Cleared
Table 5.4(1) Clock
Frequency and
Stabilization Time
(H8/38024,
H8/38024S,
H8/38024R Group)
Table 5.4(2) Clock
Frequency and
Stabilization Time
(H8/38124 Group)
129
Table amended
Wait Time
2 states
(Use prohibited with other than
external clock)
6.1 Overview
143
Description amended and note deleted
F-ZTAT™ versions of the H8/38124 and H8/38122 are
available. The former has 32 Kbytes, and the latter 16 Kbytes,
of flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com