Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64338024 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 11Page - Renesas Technology Corp HD64338024 Datasheet HTML 12Page - Renesas Technology Corp HD64338024 Datasheet HTML 13Page - Renesas Technology Corp HD64338024 Datasheet HTML 14Page - Renesas Technology Corp HD64338024 Datasheet HTML 15Page - Renesas Technology Corp HD64338024 Datasheet HTML 16Page - Renesas Technology Corp HD64338024 Datasheet HTML 17Page - Renesas Technology Corp HD64338024 Datasheet HTML 18Page - Renesas Technology Corp HD64338024 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xv of xlii
Item
Page
Revision (See Manual for Details)
6.5.3 Block
Configuration
Figure 6.8(1) Block
Configuration of
32-kbyte Flash
Memory
156
Figure title amended
Figure 6.8(2) Block
Configuration of
16-kbyte Flash
Memory
157
Newly added
6.6.3 Erase Block
Register (EBR)
Table 6.6 Division of
Blocks to Be Erased
162
Table amended
EBR
Bit Name
Block (Size)
Address
0
EB0
EB0 (1 Kbyte)
H'0000 to H'03FF
1
EB1
EB1 (1 Kbyte)
H'0400 to H'07FF
2
EB2
EB2 (1 Kbyte)
H'0800 to H'0BFF
3
EB3
EB3 (1 Kbyte)
H'0C00 to H'0FFF
4
EB4
EB4 (12 Kbytes)
H'1000 to H'3FFF (HD64F38122)
EB4 (28 Kbytes)
H'1000 to H'7FFF (HD64F38124,
HD64F38024, HD64F38024R)
6.7 On-Board
Programming Modes
164
Description amended
At reset-start in reset mode, the series of HD64F38024,
HD64F38024R, HD64F38124, and HD64F38122 changes to a
mode depending on the TEST pin settings, P95 pin settings,
and input level of each port, as shown in table 6.7.
6.7.1 Boot Mode
Table 6.9 Oscillating
Frequencies (fosc) for
which Automatic
Adjustment of LSI Bit
Rate Is Possible
166
Table amended
Product Group
Host Bit Rate
Oscillating Frequencie
s (fOSC) Range of LSI
4,800 bps
8 to 10 MHz
2,400 bps
4 to 10 MHz
F-ZTAT version of
H8/38024 Group and
F-ZTAT version of
H8/38024R Group
1,200 bps
2 to 10 MHz
19,200 bps
16 to 20 MHz
F-ZTAT version of
H8/38124 Group
9,600 bps
8 to 20 MHz
4,800 bps
6 to 20 MHz
2,400 bps
2 to 20 MHz
1,200 bps
2 to 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com