Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64338024 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 24Page - Renesas Technology Corp HD64338024 Datasheet HTML 25Page - Renesas Technology Corp HD64338024 Datasheet HTML 26Page - Renesas Technology Corp HD64338024 Datasheet HTML 27Page - Renesas Technology Corp HD64338024 Datasheet HTML 28Page - Renesas Technology Corp HD64338024 Datasheet HTML 29Page - Renesas Technology Corp HD64338024 Datasheet HTML 30Page - Renesas Technology Corp HD64338024 Datasheet HTML 31Page - Renesas Technology Corp HD64338024 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xxviii of xlii
Item
Page
Revision (See Manual for Details)
B.2 Functions
AMR—A/D Mode
Register
587
Clock Select and notes amended
Clock Select
62/
φ
Bit 7
0
Conversion Period
CKS
31/
φ
1
62
µs
φ = 1 MHz
31
µs
12.4
µs
φ = 5 MHz
*1
6.2
µs
φ = 10 MHz*2
*1
Conversion Time
Notes: 1. Except for the H8/38124 Group, operation cannot be
guaranteed if the conversion time is less than 12.4 µs.
Make sure to select a setting that gives a conversion time of
12.4 µs or more in such cases. For the H8/38124 Group select
a setting that gives a conversion time of 6.2 µs or more.
2. H8/38124 Group only.
C.8 Block Diagrams
of Port 9
Figure C.8(c) Port 9
Block Diagram (Pin
P93, H8/38124 Group
only)
633
Newly added
C.10 Block Diagrams
of Port B
Figure C.10(a) Port
B Block Diagram
635
Title amended
Figure C.10(b) Port
B Block Diagram (Pin
PB0, H8/38124 Group
only)
636
Newly added
Figure C.10(c) Port B
Block Diagram (Pin
PB1, H8/38124 Group
only)
637
Newly added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com