Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64338024 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 13Page - Renesas Technology Corp HD64338024 Datasheet HTML 14Page - Renesas Technology Corp HD64338024 Datasheet HTML 15Page - Renesas Technology Corp HD64338024 Datasheet HTML 16Page - Renesas Technology Corp HD64338024 Datasheet HTML 17Page - Renesas Technology Corp HD64338024 Datasheet HTML 18Page - Renesas Technology Corp HD64338024 Datasheet HTML 19Page - Renesas Technology Corp HD64338024 Datasheet HTML 20Page - Renesas Technology Corp HD64338024 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xvii of xlii
Item
Page
Revision (See Manual for Details)
7.1 Overview
191
Note deleted
8.2.2 Register
Configuration and
Description
Port Data Register 1
(PDR1)
196
Note amended
Note: * Pin 16 and the associated function are not
implemented on the H8/38124 Group. The register is both
readable and writeable.
Port Pull-Up Control
Register 1 (PUCR1)
197
Note amended
Note: * Pin 16 and the associated function are not
implemented on the H8/38124 Group. The register is both
readable and writeable.
8.9.3 Pin Functions
Table 8.24 Port 9 Pin
Functions
232
Table amended
Pin
Pin Functions and Selection Method
P93/Vref*
VREFSEL
0
1
Pin function
P93 output pin
Vref input pin
9.2.1 Overview
246
Description amended
Timer A is an 8-bit timer with interval timing and real-time clock
time-base functions. The clock time-base function is available
when a 32.768 kHz crystal oscillator is connected as the
subclock.
• Choice of four overflow periods (1 s, 0.5 s, 0.25 s, 31.25 ms)
when timer A is used as a clock time base (using a 32.768 kHz
crystal oscillator is connected as the subclock).
9.4.3 CPU Interface
271
Description amended
When performing TCF read/write access or OCRF write access
in 16-bit mode, data will not be transferred correctly if only the
upper byte or only the lower byte is accessed. Access must be
performed for all 16 bits (using two consecutive byte-size MOV
instructions), and the upper byte must be accessed before the
lower byte.
9.5.2 Register
Descriptions
Timer Mode Register
G (TMG)
Bit 7
Bit 6
285
Table amended
Setting condition:
Set when input capture input signal is high level and TCG
overflows from H'FF to H'00
Setting condition:
Set when TCG overflows from H'FF to H'00 while input capture
input signal is high level or during interval operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com