Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZT208ECT Datasheet(PDF) 13 Page - Zywyn Corporation

Part # ZT208ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT208ECT Datasheet(HTML) 13 Page - Zywyn Corporation

Back Button ZT208ECT Datasheet HTML 5Page - Zywyn Corporation ZT208ECT Datasheet HTML 6Page - Zywyn Corporation ZT208ECT Datasheet HTML 7Page - Zywyn Corporation ZT208ECT Datasheet HTML 8Page - Zywyn Corporation ZT208ECT Datasheet HTML 9Page - Zywyn Corporation ZT208ECT Datasheet HTML 10Page - Zywyn Corporation ZT208ECT Datasheet HTML 11Page - Zywyn Corporation ZT208ECT Datasheet HTML 12Page - Zywyn Corporation ZT208ECT Datasheet HTML 13Page - Zywyn Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
13
August 2004
rev. 02
Zywyn Corporation
Headquarters and Sales Office
1270 Oakmead Parkway, Suite 201 • Sunnyvale, CA 94085 • Tel: (408) 733-3225 • Fax: (408) 733-3206
Email: sales@zywyn.com • www.zywyn.com
Zywyn Corporation reserves the right to make changes to any products described herein. Zywyn does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
© 2004 Zywyn Corporation
Ordering Information
Part Number
Drivers
Receivers
Temperature Range
Package Type
ZT207ECA
5
3
0°C to +70°C
24-pin SSOP
ZT207ECT
5
3
0°C to +70°C
24-pin WSOIC
ZT208ECA
4
4
0°C to +70°C
24-pin SSOP
ZT208ECT
4
4
0°C to +70°C
24-pin WSOIC
ZT211ECA
4
5
0°C to +70°C
28-pin SSOP
ZT211ECT
4
5
0°C to +70°C
28-pin WSOIC
ZT213ECA
4
5 (2 active in SD)
0°C to +70°C
28-pin SSOP
ZT213ECT
4
5 (2 active in SD)
0°C to +70°C
28-pin WSOIC
ZT207EEA
5
3
-40°C to +85°C
24-pin SSOP
ZT207EET
5
3
-40°C to +85°C
24-pin WSOIC
ZT208EEA
4
4
-40°C to +85°C
24-pin SSOP
ZT208EET
4
4
-40°C to +85°C
24-pin WSOIC
ZT211EEA
4
5
-40°C to +85°C
28-pin SSOP
ZT211EET
4
5
-40°C to +85°C
28-pin WSOIC
ZT213EEA
4
5 (2 active in SD)
-40°C to +85°C
28-pin SSOP
ZT213EET
4
5 (2 active in SD)
-40°C to +85°C
28-pin WSOIC
Please contact the factory for pricing, availabiliy on Tape-and-Reel, and Green Package options.
To order for Green Packaging, the ordering part number format is ZT2xxL where "L" stands for the Green Package.
For example: ZT208LECT for standard data rate commercial temperature 24-pin wSOIC Green Package, or
ZT213LFEA for high data rate industrial temperature 28-pin SSOP Green Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com