Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZT208ECT Datasheet(PDF) 4 Page - Zywyn Corporation

Part # ZT208ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT208ECT Datasheet(HTML) 4 Page - Zywyn Corporation

  ZT208ECT Datasheet HTML 1Page - Zywyn Corporation ZT208ECT Datasheet HTML 2Page - Zywyn Corporation ZT208ECT Datasheet HTML 3Page - Zywyn Corporation ZT208ECT Datasheet HTML 4Page - Zywyn Corporation ZT208ECT Datasheet HTML 5Page - Zywyn Corporation ZT208ECT Datasheet HTML 6Page - Zywyn Corporation ZT208ECT Datasheet HTML 7Page - Zywyn Corporation ZT208ECT Datasheet HTML 8Page - Zywyn Corporation ZT208ECT Datasheet HTML 9Page - Zywyn Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
4
August 2004
rev. 02
Electrical Characteristics
Unless otherwise stated, V
CC = +5.0V, TA = Tmin to Tmax, C1 to C4 = 0.1µF, typical values apply at VCC = +5.0V and TA = 25°C.
Parameter
Condition
Min
Typ
Max
Units
Timing Characteristics
Maximum Data Rate
R
L = 3kΩ, CL = 1000pF, TA = 25°C
250
kbps
One Transmitter Switching, Refers to Figure 1 and 2.
Transition-Region Slew Rate
R
L = 3~7kΩ, CL = 150pF to 1000pF, One Transmitter Switching,
6
30
V/µs
T
A = 25°C, Measured from +3V to –3V or –3V to +3V
Transmitter Propagation t
PLH
All transmitters loaded with R
L = 3kΩ, CL = 1000pF
1.5
µs
Transmitter Propagation t
PHL
All transmitters loaded with R
L = 3kΩ, CL = 1000pF
1.5
µs
TransmitterOutputEnableTime
0.4
µs
TransmitterOutputDisableTime
0.25
µs
Receiver Propagation t
PLH
C
L = 150pF
0.15
µs
Receiver Propagation t
PHL
C
L = 150pF
0.15
µs
Receiver Skew
t
PHL – tPLH
50
n s
Receiver Output Enable Time
0.2
µs
Receiver Output Disable Time
0.2
µs
ESD Tolerance
RS-232 I/Os
ESD HBM
±15
kV
TTL/CMOS I/Os
ESD HBM
±2
kV
Table 1. Wake-Up Truth Table for ZT213E
SD
EN
00
11
Up
Enable
01
10
Up
Tri-State
10
01
Down
Enable
11
00
Down
Tri-State
Receiver
Outputs
SD
EN
ZT213E Only
Power
Up/Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com