Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZT208ECT Datasheet(PDF) 2 Page - Zywyn Corporation

Part # ZT208ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT208ECT Datasheet(HTML) 2 Page - Zywyn Corporation

  ZT208ECT Datasheet HTML 1Page - Zywyn Corporation ZT208ECT Datasheet HTML 2Page - Zywyn Corporation ZT208ECT Datasheet HTML 3Page - Zywyn Corporation ZT208ECT Datasheet HTML 4Page - Zywyn Corporation ZT208ECT Datasheet HTML 5Page - Zywyn Corporation ZT208ECT Datasheet HTML 6Page - Zywyn Corporation ZT208ECT Datasheet HTML 7Page - Zywyn Corporation ZT208ECT Datasheet HTML 8Page - Zywyn Corporation ZT208ECT Datasheet HTML 9Page - Zywyn Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
2
August 2004
rev. 02
AbsoluteMaximumRatings
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated
in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods of time may affect reliability.
Power Supply, (V
CC) ................................... –0.3V to +6.0V
V+ .............................................................. –0.3V to +7.0V
V– ............................................................... +0.3V to –7.0V
|||||V+||||| + |||||V-|||||.............................................................. +13.0V
I
CC (DC VCC or GND current) .................................. ±100mA
Input Voltages
TxIN, SHUTDOWN, EN ............................... –0.3V to +6.0V
RxIN ............................................................................ ±25V
Output Voltages
TxOUT ........................................................................ ±12V
RxOUT ............................................... –0.3V to (V
CC +0.3V)
Short-Circuit Duration
TxOUT .............................................................. Continuous
Operating Temperature ................................ –40°C to +85°C
Storage Temperature ................................. –65°C to +150°C
Power Dissipation Per Package
24-pin SSOP (derate 8.00mW/°C above +70°C) ....... 640mW
24-pin WSOIC (derate 11.76mW/°C above +70°C) .... 941mW
28-pin SSOP (derate 9.52mW/°C above +70°C) ....... 762mW
28-pin WSOIC (derate 12.50mW/°C above +70°C) .......... 1W
Storage Considerations
Storage in a low humidity environment is preferred. Large
high density plastic packages are moisture sensitive and
should be stored in Dry Vapor Barrier Bags. Prior to usage,
the parts should remain bagged and stored below 40°C and
60%RH. If the parts are removed from the bag, they should
be used within 48 hours or stored in an environment at or
below 20%RH. If the above conditions cannot be followed,
the parts should be baked for four hours at 125°C in order
remove moisture prior to soldering. Zywyn ships product in
Dry Vapor Barrier Bags with a humidity indicator card and
desiccant pack. The humidity indicator should be below
30%RH.
The information furnished by Zywyn has been carefully
reviewed for accuracy and reliability. Its application or use,
however, is solely the responsibility of the user. No respon-
sibility of the use of this information become part of the
terms and conditions of any subsequent sales agreement
with Zywyn. Specifications are subject to change without
the responsibility for any infringement of patents or other
rights of third parties which may result from its use. No
license or proprietary rights are granted by implication or
otherwise under any patent or patent rights of Zywyn
Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com