Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARM-EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8002ARM-EBZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARM-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8002ARM-EBZ Datasheet HTML 3Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 4Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 5Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 6Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 7Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 8Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 9Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 10Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
AD8002
Rev. E | Page 7 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
G = +1
100mV STEP
SIDE 1
20mV
SIDE 2
5ns
Figure 6. 100 mV Step Response, G = +1
G = +1
1V STEP
SIDE 1
20mV
SIDE 2
5ns
Figure 7. 1 V Step Response, G = +1
G = +2
100mV STEP
SIDE 1
20mV
SIDE 2
5ns
Figure 8. 100 mV Step Response, G = +2
G = +2
100mV STEP
SIDE 1
20mV
SIDE 2
5ns
Figure 9. 1 V Step Response, G = +2
1G
0M
1
1M
100M
0
–0.5
–0.1
–0.2
–0.3
–0.4
0.1
1
–4
–9
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY (Hz)
SIDE 1
SIDE 2
SIDE 1
SIDE 2
G = +2
RL = 100Ω
VIN = 50mV
Figure 10. Frequency Response and Flatness, G = +2 (See Figure 41)
FREQUENCY (Hz)
–50
–60
–110
100M
10k
100k
1M
10M
–70
–80
–100
–90
SECOND HARMONIC
THIRD HARMONIC
G = +2
RL = 100Ω
Figure 11. Distortion vs. Frequency, G = +2, RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com