Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARM-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8002ARM-EBZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARM-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8002ARM-EBZ Datasheet HTML 4Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 5Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 6Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 7Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 8Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 9Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 10Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 11Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD8002
Data Sheet
Rev. E | Page 8 of 21
FREQUENCY (Hz)
–60
–70
–120
100M
10k
100k
1M
10M
–80
–90
–110
–100
G = +2
RL = 1kΩ
VOUT = 2V p-p
SECOND HARMONIC
THIRD HARMONIC
Figure 12. Distortion vs. Frequency, G = +2, RL = 1 kΩ
–70
–60
–100
–90
–80
OUTPUT SIDE 1
OUTPUT SIDE 2
–50
–40
–30
–20
–110
–120
FREQUENCY (Hz)
100M
100k
1M
10M
G = +2
RF = 750Ω
RL = 100Ω
VS = ±5.0V
VIN = –4dBV
Figure 13. Crosstalk (Output to Output) vs. Frequency
SIDE 1
SIDE 2
5ns
SIDE 1: VIN = 0V; 8mV/DIV RTO
SIDE 2: 1V STEP RTO; 400mV/DIV
G = +2
RF = 750Ω
RC = 75Ω
RL = 100Ω
Figure 14. Pulse Crosstalk, Worst Case, 1 V Step
0.02
0.06
0.02
1
2
3
4
5
6
7
8
9
10
11
0.04
–0.02
0.08
–0.01
0
0.01
IRE
0
2 BACK TERMINATED
LOADS (75Ω)
1 BACK TERMINATED
LOAD (150Ω)
2 BACK TERMINATED
LOADS (75Ω)
G = +2
NTSC
RF = 750Ω
1 BACK TERMINATED
LOAD (150Ω)
Figure 15. Differential Gain and Differential Phase (per Amplifier)
–2
–1
–4
–3
0
1
2
–5
–6
1G
10M
100M
1M
FREQUENCY (Hz)
SIDE 1
SIDE 2
G = +1
RF = 953Ω
RL = 100Ω
VIN = 50mV
Figure 16. Gain vs. Frequency Response, G = +1 (See Figure 42)
–40
–70
–100
–80
–90
–60
–50
100M
100k
10M
1M
10k
FREQUENCY (Hz)
G = +1
RL = 100Ω
VOUT = 2V p-p
SECOND HARMONIC
THIRD HARMONIC
Figure 17. Distortion vs. Frequency, G = +1, RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com