Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARM-EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8002ARM-EBZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARM-EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8002ARM-EBZ Datasheet HTML 12Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 13Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 14Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 15Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 16Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 17Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 18Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 19Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD8002
Data Sheet
Rev. E | Page 16 of 21
DRIVING ADCs
The AD8002 is well suited for driving high speed analog-to-
digital converters, such as the AD9058. The AD9058 is a dual,
8-bit, 50 MSPS ADC. In Figure 55, the AD8002 drives the
inputs of the AD9058, which are configured for 0 V to 2 V
ranges. Bipolar input signals are buffered, amplified (−2×), and
offset (by 1.0 V) into the proper input range of the ADC. Using
the internal 2 V reference of the AD9058 connected to both
ADCs (as shown in Figure 55) reduces the number of external
components required to create a complete data acquisition
system. The 20 Ω resistors in series with the ADC inputs help
the ADCs drive the 10 pF ADC input capacitance. The AD8002
adds only 100 mW to the power consumption, while not
limiting the performance of the circuit.
SINGLE-ENDED-TO-DIFFERENTIAL DRIVER USING
AN AD8002
The two halves of an AD8002 can be configured to create a
single-ended-to-differential high speed driver with a −3 dB
bandwidth in excess of 200 MHz, as shown in Figure 54.
Although the individual op amps are each current feedback op
amps, the overall architecture yields a circuit with attributes
normally associated with voltage feedback amplifiers, yet offers
the speed advantages inherent in current feedback amplifiers. In
addition, the gain of the circuit can be changed by varying a
single resistor, RF, which is often not possible in a dual op amp
differential driver.
50Ω
OUTPUT 1
50Ω
OUTPUT 2
RG
511Ω
RF 511Ω
CC = 0.5pF TO 1.5pF
1/2
AD8002
1/2
AD8002
OP AMP 1
OP AMP 2
VIN
RA
511Ω
RA
511Ω
511Ω
RB
511Ω
RB
Figure 54. Differential Line Driver
0.1µF
+VS
–VS
20Ω
50Ω
1kΩ
18
17
16
15
14
13
12
11
–VREF
10pF
CLOCK
5, 9, 22,
24, 37, 41
4,19, 21
25, 27, 42
0.1µF
38
8
–VREF
6
+VINT
2
3
+VREF
AIN
549Ω
274Ω
ANALOG
IN A
±0.5V
1.1kΩ
AD8597
43
+VREF
20kΩ
0.1µF
–2V
1.1kΩ
20kΩ
549Ω
ANALOG
IN B
±0.5V
274Ω
20Ω
0.1µF
40
COMP
1
AIN
ENCODE
ENCODE
10
36
ENCODE
74ACT04
0.1µF
+5V
28
29
30
31
32
33
34
35
RZ1
RZ2
D0 (LSB)
D7 (MSB)
D0 (LSB)
D7 (MSB)
7, 20,
26, 39
–5V
1N4001
AD9058
(J-LEAD)
RZ1, RZ2 = 2,000Ω SIP (8-PKG)
8
8
1/2
AD8002
1/2
AD8002
50Ω
50Ω
Figure 55. AD8002 Driving a Dual ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com