Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP492GSZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP492GSZ
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP492GSZ Datasheet HTML 3Page - Analog Devices OP492GSZ Datasheet HTML 4Page - Analog Devices OP492GSZ Datasheet HTML 5Page - Analog Devices OP492GSZ Datasheet HTML 6Page - Analog Devices OP492GSZ Datasheet HTML 7Page - Analog Devices OP492GSZ Datasheet HTML 8Page - Analog Devices OP492GSZ Datasheet HTML 9Page - Analog Devices OP492GSZ Datasheet HTML 10Page - Analog Devices OP492GSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
OP292/OP492
TYPICAL PERFORMANCE CHARACTERISTICS
200
0
50
25
100
75
125
150
175
500
–400
400
–500
300
200
100
0
–100
–200
–300
INPUT OFFSET VOLTAGE, VOS (µV)
VS = 5V
VCM = 0V
TA = 25°C
720 OP AMPS
Figure 3. OP292 Input Offset Voltage Distribution @ 5 V
320
280
240
200
160
120
80
40
0
2.0
0.2
1.8
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
INPUT OFFSET VOLTAGE, VOS (mV)
VS = ±15V
VCM = 0V
TA = 25°C
720 OP AMPS
Figure 4. OP292 Input Offset Voltage Distribution @ ±15 V
160
140
120
100
80
60
40
20
0
4.0
0.4
3.6
0
3.2
2.8
2.4
2.0
1.6
1.2
0.8
TCVOS (µV/°C)
VS = 5V
VCM = 0V
–40°C ≤ TA ≤ +125°C
600 OP AMPS
Figure 5. OP292 Temperature Drift (TCVOS) Distribution @ 5 V
INPUT OFFSET VOLTAGE, VOS (mV)
160
40
20
80
60
100
120
140
0.6
–0.4
0.5
–0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
VS = 5V
VCM = 0V
TA = 25°C
600 OP AMPS
0
Figure 6. OP492 Input Offset Voltage Distribution @ 5 V
INPUT OFFSET VOLTAGE, VOS (mV)
240
0
2.0
120
40
0.2
80
0
200
160
1.8
1.4
1.2
0.8
1.0
1.6
0.6
0.4
VS = ±15V
VCM = 0V
TA = 25°C
600 OP AMPS
Figure 7. OP492 Input Offset Voltage Distribution @ ±15 V
160
0
5.0
40
20
0.5
0
80
60
100
120
140
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
TCVOS (µV/°C)
VS = 5V
VCM = 0V
–40°C ≤ TA ≤ +125°C
600 OP AMPS
Figure 8. OP492 Temperature Drift (TCVOS) Distribution @ 5 V
Rev. D | Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com