Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP492GSZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP492GSZ
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP492GSZ Datasheet HTML 6Page - Analog Devices OP492GSZ Datasheet HTML 7Page - Analog Devices OP492GSZ Datasheet HTML 8Page - Analog Devices OP492GSZ Datasheet HTML 9Page - Analog Devices OP492GSZ Datasheet HTML 10Page - Analog Devices OP492GSZ Datasheet HTML 11Page - Analog Devices OP492GSZ Datasheet HTML 12Page - Analog Devices OP492GSZ Datasheet HTML 13Page - Analog Devices OP492GSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OP292/OP492
Data Sheet
40
–10
10M
10k
1M
100k
1k
50
0
10
20
30
FREQUENCY (Hz)
TA = 25°C
V– = 0V
V+ = 5V
Figure 21. OP292/OP492 Closed-Loop Gain vs. Frequency @ 5 V
100
0
1M
1k
100k
10k
100
120
20
40
60
80
FREQUENCY (Hz)
TA = 25°C
V– = 0V
V+ = 5V
Figure 22. OP292/OP492 CMR vs. Frequency @ 5 V
100
0
1M
1k
100k
10k
100
120
20
40
60
80
FREQUENCY (Hz)
TA = 25°C
VS = 5V
Figure 23. OP292/OP492 PSR vs. Frequency @ 5 V
40
–10
10M
10k
1M
100k
1k
50
0
10
20
30
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 24. OP292/OP492 Closed-Loop Gain vs. Frequency @ ±15 V
100
0
1M
1k
100k
10k
100
120
20
40
60
80
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 25. OP292/OP492 CMR vs. Frequency @ ±15 V
100
0
1M
1k
100k
10k
100
120
20
40
60
80
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
+PSSR
–PSSR
Figure 26. OP292/OP492 PSR vs. Frequency @ ±15 V
Rev. D | Page 10 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com