Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP492GSZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP492GSZ
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP492GSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP492GSZ Datasheet HTML 7Page - Analog Devices OP492GSZ Datasheet HTML 8Page - Analog Devices OP492GSZ Datasheet HTML 9Page - Analog Devices OP492GSZ Datasheet HTML 10Page - Analog Devices OP492GSZ Datasheet HTML 11Page - Analog Devices OP492GSZ Datasheet HTML 12Page - Analog Devices OP492GSZ Datasheet HTML 13Page - Analog Devices OP492GSZ Datasheet HTML 14Page - Analog Devices OP492GSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
OP292/OP492
4.8
125
4.0
3.8
–25
–50
4.2
4.4
4.6
100
75
50
25
0
TEMPERATURE (°C)
VS = 5V
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
Figure 27. OP292/OP492 VOUT Swing vs. Temperature @ 5 V
10
0.1
125
–25
–50
1
100
75
50
25
0
TEMPERATURE (°C)
VS = 5V
VCM = 0V
OP492
OP292
Figure 28. OP292/OP492 Input Bias Current vs. Temperature @ 5 V
–120
100k
10
1k
10k
100
0
–40
–110
–100
–80
–90
–60
FREQUENCY (Hz)
RL = 2kΩ
VS = +5V, ±15V
VO = 3V p-p
Figure 29. OP292/OP492 Channel Separation
15.0
125
–14.5
–15.0
–25
–50
–14.0
10.0
11.0
12.0
13.0
14.0
100
75
50
25
0
TEMPERATURE (°C)
VS = ±15V
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
RL = 2kΩ
RL = 100kΩ
RL = 10kΩ
Figure 30. OP292/OP492 VOUT Swing vs. Temperature @ ±15 V
600
125
200
100
0
–25
–50
300
400
500
100
75
50
OP292
OP492
25
0
TEMPERATURE (°C)
VS = ±15V
VCM = 0V
Figure 31. OP292/OP492 Input Bias Current vs. Temperature @ ±15 V
0.50
0.18
0.26
0.22
0.34
0.30
0.38
0.42
0.46
0.48
0.24
0.20
0.32
0.28
0.36
0.40
0.44
–RAIL
+RAIL
+15V
–15V
A
V
15
13
1
11
9
7
5
3
2
14
0
12
10
8
6
4
VIN (V)
IN
Figure 32. OP292/OP492 IB Current vs. Common-Mode Voltage
Rev. D | Page 11 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com