Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8103ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8103ACPZN-R7
Description  High Input Survivability, Low Noise Amplifier, 6 GHz to 12 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8103ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8103ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
ADL8103
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 25
6 GHZ TO 8 GHZ FREQUENCY RANGE
VDD = 5 V, IDQ = 100 mA, bias resistance, RBIAS = 698 Ω, and TCASE = 25°C, unless otherwise noted.
Table 1. 6 GHz to 8 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
6
8
GHz
GAIN
25
27
dB
Gain Variation over Temperature
0.018
dB/°C
NOISE FIGURE
1.8
dB
RETURN LOSS
Input
10.2
dB
Output
8
dB
OUTPUT
OP1dB
19
dBm
Saturated Output Power (PSAT)
21.7
dBm
OIP3
29.3
dBm
Measurement taken at output power (POUT) per tone = 6 dBm
OIP2
34
dBm
Measurement taken at POUT per tone = 6 dBm
POWER ADDED EFFICIENCY (PAE)
21.6
%
Measured at PSAT
8 GHZ TO 10 GHZ FREQUENCY RANGE
VDD = 5 V, IDQ = 100 mA, RBIAS = 698 Ω, and TCASE = 25°C, unless otherwise noted.
Table 2. 8 GHz to 10 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
8
10
GHz
GAIN
23
25
dB
Gain Variation over Temperature
0.014
dB/°C
NOISE FIGURE
1.7
dB
RETURN LOSS
Input
10.1
dB
Output
17
dB
OUTPUT
OP1dB
19
21
dBm
PSAT
22.6
dBm
OIP3
32.1
dBm
Measurement taken at POUT per tone = 6 dBm
OIP2
36.5
dBm
Measurement taken at POUT per tone = 6 dBm
PAE
24.4
%
Measured at PSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com