Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8103ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL8103ACPZN-R7
Description  High Input Survivability, Low Noise Amplifier, 6 GHz to 12 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8103ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL8103ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Data Sheet
ADL8103
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 17 of 25
Figure 68. IDD vs. PIN for Various Temperatures at 10 GHz, VDD = 5 V, and
RBIAS = 698 Ω
Figure 69. OIP3 vs. Frequency for Various Temperatures, 4 GHz to 14 GHz,
VDD = 5 V, IDQ = 100 mA, RBIAS = 698 Ω, and POUT per Tone = 6 dBm
Figure 70. OIP3 vs. Frequency for Various Supply Voltages, IDQ = 100 mA,
and POUT per Tone = 6 dBm
Figure 71. IDD vs. PIN for Various Temperatures at 10 GHz, VDD = 3 V, and
RBIAS = 470 Ω
Figure 72. OIP3 vs. Frequency for Various Temperatures, 4 GHz to 14 GHz,
VDD = 3 V, IDQ = 60 mA, RBIAS = 470 Ω, and POUT per Tone = 2 dBm
Figure 73. OIP3 vs. Frequency for Various Supply Voltages, IDQ = 60 mA, and
POUT per Tone = 2 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com