Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8103ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8103ACPZN-R7
Description  High Input Survivability, Low Noise Amplifier, 6 GHz to 12 GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8103ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8103ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8103ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Data Sheet
ADL8103
High Input Survivability, Low Noise Amplifier, 6 GHz to 12 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
High input power survivability: 34 dBm at 6 GHz to 12 GHz
Single positive supply: 5 V/100 mA nominal
RBIAS drain current adjustment pin
Fast overdrive recovery: 25 ns at 32 dBm
Gain: 25 dB typical from 8 GHz to 10 GHz
OIP3: 32.1 dBm typical from 8 GHz to 10 GHz
Noise figure: 1.7 dB typical at 8 GHz to 10 GHz
Extended operating temperature range: −55°C to + 125°C
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
APPLICATIONS
Test instrumentation
Military communications
Radar
GENERAL DESCRIPTION
The ADL8103 is a 6 GHz to 12 GHz low noise amplifier (LNA)
with 34 dBm RF input power survivability. The ADL8103 provides a
typical gain of 25 dB at 8 GHz to 10 GHz, a 1.7 dB typical noise
figure at 8 GHz to 10 GHz, a 21 dBm typical output power for 1
dB compression (OP1dB) at 8 GHz to 10 GHz, and a typical output
third-order intercept (OIP3) of 32.1 dBm at 8 GHz to 10 GHz. This
LNA has a high output second-order intercept (OIP2) of 36.5 dBm
typical at 8 GHz to 10 GHz, making the ADL8103 suitable for mili-
tary and test instrumentation applications. The nominal quiescent
current (IDQ), which can be adjusted, is 100 mA from a 5 V supply
voltage (VDD). The ADL8103 also features inputs and outputs that
are internally matched to 50 Ω.
The device is housed in a RoHS-compliant, 2 mm × 2 mm, 8-lead
LFCSP and is specified for operation from −55°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL8103ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results

Similar Description - ADL8103ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-13-6013 TELEDYNE-CLA-13-6013 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6015 TELEDYNE-CLA-13-6015 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6013 TELEDYNE-TLA-13-6013 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6015 TELEDYNE-TLA-13-6015 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
Analog Devices
ADL7078 AD-ADL7078 Datasheet
1Mb / 19P
High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com