Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5031BCCN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5031BCCN-R7
Description  9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5031BCCN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5031BCCN-R7 Datasheet HTML 1Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 2Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 3Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 4Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 5Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 6Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 7Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 8Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
ADRF5031
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 12
Table 1. Electrical Characteristics (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Hot Switching (RFC)
RF signal is applied to RFC while switching in between
RF1 or RF2
Average
33
dBm
Peak, Pulse
35
dBm
Hot Switching (RFx)
RF signal is applied to RFx while switching in between
RF1 or RF2
Average
30
dBm
Peak, Pulse
32
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 12 to Figure 15.
2 For power derating over frequency, see the Power Derating Curve section.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.
4 Peak: ( ≤100 ns pulse duration, 5% duty cycle).
5 Pulse: (>100 ns pulse duration, 15% duty cycle).
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0 V, VCTRL = 0 V or VDD, and TCASE = 25°C for a 50 Ω system, unless otherwise noted.
Table 2. Single-Supply Operational Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.009
20.000
MHz
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
9.2
µs
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
14
µs
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RF output
16
µs
INPUT LINEARITY
f = 1 MHz to 20 GHz
Power Compression
P0.1dB
24
dBm
Third-Order Intercept
IP3
Two-tone input power = 0 dBm each tone, Δf = 1 MHz
48
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power
PIN
f = 1 MHz to 20 GHz, TCASE = 85°C
Through Path
RF signal is applied to the RFC or through connected
RFx
24
dBm
Terminated Path
RF signal is applied to unselected RFx (terminated
within internal resistor)
24
dBm
Hot Switching
RF signal is applied to the RFC while switching
between RFx
24
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com