Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5031BCCN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5031BCCN-R7
Description  9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5031BCCN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5031BCCN-R7 Datasheet HTML 4Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 5Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 6Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 7Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 8Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 9Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 10Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 11Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
ADRF5031
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 12
The ADRF5031 integrates a driver to perform logic functions inter-
nally and to provide the user with the advantage of a simplified
CMOS-/LVTTL-compatible control interface. There are two digital
control input pins (EN and CTRL) that determine which RF port is in
the insertion loss state and in the isolation state. See Table 7 for the
control voltage truth table.
When the EN pin is logic high, all RF paths are in isolation state
regardless of the logic state of other pin. The RFx ports are
terminated to internal 50 Ω resistors, and RFC becomes reflective.
RF INPUT AND OUTPUT
The RF ports (RFC, RF1, and RF2) are DC-coupled to 0 V, and no
DC blocking is required at the RF ports when the RF line potential
is equal to 0 V. The RF ports are internally matched to 50 Ω.
The ADRF5031 is bidirectional with equal power handling capabili-
ties. The RF input signal can be applied to the RFC port or the
selected RFx throw port.
The insertion loss path conducts the RF signal between the select-
ed RFx throw port and the RFC (common) port. The isolation paths
provide high loss between the insertion loss path and the unselect-
ed RFx throw port. The unselected RFx port of the ADRF5031 is
nonreflective.
The power handling of the ADRF5031 derates with frequencies less
than 1 MHz. See Figure 2 for derating of the RF power towards
lower frequencies.
POWER SUPPLY
The ADRF5031 requires that a positive supply voltage is applied to
the VDD pin and a negative supply voltage to the VSS pin. Bypassing
capacitors are recommended on the supply lines to minimize RF
coupling.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp up.
3. Apply digital control inputs. The relative order of the control
inputs is not important. However, powering the digital control
inputs before the VDD supply can inadvertently forward bias and
damage the internal ESD protection structures. To avoid this
damage, use a series 1 kΩ resistor to limit the current flowing
into the control pin. Use pull-up or pull-down resistors if the
controller is in a high impedance state after VDD is powered up,
and the control pins are not driven to a valid logic state.
4. Apply RF input signal.
Table 7. Control Voltage Truth Table
Digital Control Input
RFx Paths
EN
CTRL
RF1 to RFC
RF2 to RFC
Low
Low
Isolation (off)
Insertion loss (on)
Low
High
Insertion loss (on)
Isolation (off)
High
Low or high
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com