Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5031BCCN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5031BCCN-R7
Description  9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5031BCCN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5031BCCN-R7 Datasheet HTML 4Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 5Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 6Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 7Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 8Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 9Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 10Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 11Page - Analog Devices ADRF5031BCCN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADRF5031
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 11 of 12
The ADRF5031 has two power supply pins (VDD and VSS) and
two control pins (EN and CTRL). Figure 16 shows the external
components and connections for the supply pins. The VDD and
VSS pins are decoupled with a 100 pF capacitor. The pinout of the
ADRF5031 allows the placement of the decoupling capacitors close
to the device. No other external components are needed for bias
and operation, except for DC-blocking capacitors on the RFx and
RFC pins when the RF lines are biased at a voltage other than 0 V.
See Table 6 for further details.
Figure 16. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally, and the pinout is
designed to mate a coplanar waveguide (CPWG) with a 50 Ω char-
acteristic impedance on the PCB. Figure 17 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003C dielectric material. A RF trace with a 14 mil width and 7
mil clearance is recommended for 1.5 mil finished copper thickness.
Figure 17. Example PCB Stack-Up
Figure 18 shows the routing of the RF traces, supply, and control
signals from the ADRF5031. The ground planes are connected with
densely filled through vias for optimal RF and thermal performance.
The primary thermal path for the ADRF5031 is the bottom side.
Figure 18. PCB Layout
Figure 19 shows the recommended layout from the RF pins of the
ADRF5031 to the 50 Ω CPWG on the referenced stack-up. PCB
pads are drawn 1:1 to the pads of the ADRF5031. The ground pads
are drawn solder mask defined, and the signal pads are drawn
as pad defined. The RF trace from the PCB pad is extended with
the same width to the package edge and tapered to RF trace.
The paste mask is designed to match the pads of the ADRF5031
without any aperture reduction. The paste mask is divided into
multiple openings for the paddle.
Figure 19. Recommended RF Pin Transition
For alternate PCB stack-ups with different dielectric thickness and
RF trace design, contact Analog Devices Technical Support for
further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com