Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002AEHZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7002AEHZ
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002AEHZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7002AEHZ Datasheet HTML 9Page - Analog Devices ADPA7002AEHZ Datasheet HTML 10Page - Analog Devices ADPA7002AEHZ Datasheet HTML 11Page - Analog Devices ADPA7002AEHZ Datasheet HTML 12Page - Analog Devices ADPA7002AEHZ Datasheet HTML 13Page - Analog Devices ADPA7002AEHZ Datasheet HTML 14Page - Analog Devices ADPA7002AEHZ Datasheet HTML 15Page - Analog Devices ADPA7002AEHZ Datasheet HTML 16Page - Analog Devices ADPA7002AEHZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADPA7002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 13 of 20
CONSTANT IDD OPERATION
TA = 25°C, VDD = 5 V, and IDD = 800 mA for nominal operation, unless otherwise noted. Figure 46 through Figure 49 are biased with the
HMC980LP4E active bias controller. See the Biasing the ADPA7002 with the HMC980LP4E section for biasing details.
Figure 46. Output P1dB vs. Frequency for Various Temperatures, Data
Measured with Constant IDD
Figure 47. PSAT vs. Frequency for Various Temperatures, Data Measured with
Constant IDD
Figure 48. Output P1dB vs. Frequency for Various Supply Currents, Data
Measured with Constant IDD
Figure 49. PSAT vs. Frequency for Various Supply Currents Data Measured
with Constant IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com