Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002AEHZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7002AEHZ
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002AEHZ Datasheet(HTML) 1 Page - Analog Devices

  ADPA7002AEHZ Datasheet HTML 1Page - Analog Devices ADPA7002AEHZ Datasheet HTML 2Page - Analog Devices ADPA7002AEHZ Datasheet HTML 3Page - Analog Devices ADPA7002AEHZ Datasheet HTML 4Page - Analog Devices ADPA7002AEHZ Datasheet HTML 5Page - Analog Devices ADPA7002AEHZ Datasheet HTML 6Page - Analog Devices ADPA7002AEHZ Datasheet HTML 7Page - Analog Devices ADPA7002AEHZ Datasheet HTML 8Page - Analog Devices ADPA7002AEHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
ADPA7002
GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Output P1dB: 28 dBm (typical at 34 GHz to 44 GHz)
►
PSAT: 29.5 dBm (typical at 24 GHz to 34 GHz)
►
Gain: 15 dB (typical at 34 GHz to 44 GHz)
►
IP3: 38 dBm (typical)
►
Integrated power detector
►
Supply voltage: 5 V at 700 mA
►
16-terminal, 6 mm × 6 mm, ceramic, high frequency, air cavity
package
APPLICATIONS
►
Military
►
Test instrumentation
►
Communications
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADPA7002 is a gallium arsenide (GaAs), pseudomorphic high
electron mobility transfer (pHEMT), monolithic microwave integrat-
ed circuit (MMIC), 28 dBm (1/2 W) power amplifier, with an integrat-
ed temperature compensated on-chip power detector that operates
between 18 GHz and 44 GHz. The ADPA7002 provides 15 dB of
small signal gain and 30 dBm of saturated output power (PSAT) at
32 GHz from a 5 V supply. With an IP3 of 38 dBm, the ADPA7002 is
ideal for linear applications such as electronic countermeasure and
instrumentation applications demanding >28 dBm of efficient PSAT.
The RF inputs and outputs are internally matched and dc blocked
for ease of integration into higher level assemblies. The ADPA7002
is housed in a 6 mm × 6 mm, ceramic leadless chip with heat sink
(LCC_HS) that exhibits low thermal resistance and is compatible
with surface-mount manufacturing techniques.


Similar Part No. - ADPA7002AEHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7002C-KIT AD-ADPA7002C-KIT Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
ADPA7002CHIP AD-ADPA7002CHIP Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
More results

Similar Description - ADPA7002AEHZ

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com