Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002AEHZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA7002AEHZ
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002AEHZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA7002AEHZ Datasheet HTML 10Page - Analog Devices ADPA7002AEHZ Datasheet HTML 11Page - Analog Devices ADPA7002AEHZ Datasheet HTML 12Page - Analog Devices ADPA7002AEHZ Datasheet HTML 13Page - Analog Devices ADPA7002AEHZ Datasheet HTML 14Page - Analog Devices ADPA7002AEHZ Datasheet HTML 15Page - Analog Devices ADPA7002AEHZ Datasheet HTML 16Page - Analog Devices ADPA7002AEHZ Datasheet HTML 17Page - Analog Devices ADPA7002AEHZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet
ADPA7002
THEORY OF OPERATION
analog.com
Rev. A | 14 of 20
The architecture of the ADPA7002, a medium power amplifier,
is displayed in Figure 50. The ADPA7002 uses a cascaded, three-
stage amplifier operating in quadrature between two 90° hybrids.
A portion of the RF output signal is directionally coupled to a diode
to detect the RF output power. When the diode is dc biased, the
diode rectifies the RF power and makes the RF power available for
measurement as dc voltage at the VDET pin. Temperature compen-
sation is accomplished by referencing a symmetrical diode circuit
that is not coupled to the RF output that contains a dc voltage
output at the VREF pin. The difference of VREF − VDET provides
a temperature compensated signal that is proportional to the RF
output.
The 90° hybrids ensure that the input and output return losses are
>12 dB. See the application circuits in the Applications Information
section for further details on biasing the various blocks.
To obtain optimal performance from the ADPA7002 and to avoid
damaging the device, follow the recommended biasing sequences
described in the Biasing Procedures section.
Figure 50. Simplified Architecture of the ADPA7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com