Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002AEHZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA7002AEHZ-R7
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002AEHZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA7002AEHZ-R7 Datasheet HTML 2Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 3Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 4Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 5Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 6Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 7Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 8Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 9Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
ADPA7002
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 6 of 20
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 10, 11
VDD3, VDD1, VDD2, VDD4
Drain Biases. External bypass capacitors are required.
3, 9
VGG1
Gate Bias Controls. External bypass capacitors are required.
4, 8
NIC
No Internal Connection. These pins have no internal connections. Connect to ground.
5, 7, 13, 15
GND
Ground. These pins must be connected to RF and dc ground.
6
RFIN
RF Signal Input. This pin is ac-coupled and matched to 50 Ω.
12
VDET
Detector Diode to Measure RF Output Power. Output power detection via this pin requires the application of a dc
bias voltage through an external series resistor. Used in combination with the VREF pin, the difference voltage (VREF −
VDET) is a temperature compensated dc voltage that is proportional to the RF output power.
14
RFOUT
RF Signal Output. This pin is ac-coupled and matched to 50 Ω.
16
VREF
Reference Diode for Temperature Compensation of VDET RF Output Power Measurements.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
Figure 3. GND Interface Schematic
Figure 4. VREF Interface Schematic
Figure 5. VDET Interface Schematic
Figure 6. RFIN Interface Schematic
Figure 7. VGG1 Schematic
Figure 8. RFOUT Interface Schematic
Figure 9. VDD1 to VDD4 Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com