Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002AEHZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA7002AEHZ-R7
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002AEHZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA7002AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 14Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 15Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 19Page - Analog Devices ADPA7002AEHZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Data Sheet
ADPA7002
APPLICATIONS INFORMATION
analog.com
Rev. A | 16 of 20
BIASING PROCEDURES
Adhere to the following bias sequence during power-up:
1. Connect GND to the RF and dc ground.
2. Set the VGG1 pin voltage to −1.5 V.
3. Set the drain bias voltage pins (VDDX) to 5 V.
4. Increase the VGG1 pin voltage to achieve IDQ = 700 mA.
5. Apply the RF signal.
Adhere to the following bias sequence during power-down:
1. Turn off the RF signal.
2. Decrease VGG1 to −1.5 V to achieve IDQ = 0 mA (approximate-
ly).
3. Decrease the drain bias voltage pins (VDDX) to 0 V.
4. Decrease the VGG1 pin voltages to 0 V.
The simplified bias pin connections to the dedicated gain stages are
shown in Figure 50.
Table 8. Power Selection Table
IDQ (mA)
Gain (dB) P1dB (dBm) OIP3 (dBm)
PDISS
(W)
VGG1 (V)1, 2
600
17.2
30.04
40.6
3
−0.73
700
17.7
30.24
38.7
3.5
−0.67
800
18.0
30.25
37.0
4
−0.62
1 Data taken at the following nominal bias conditions: VDD = 5 V, TA = 25°C.
2 Adjust VGG1 from −1.5 V to 0 V to achieve the desired drain current.
The nominal bias conditions are recommended to optimize overall
performance of the ADPA7002. Unless otherwise noted, the data
in the Typical Performance Characteristics section is taken using
the nominal bias conditions. If operating at different bias conditions,
the performance of the ADPA7002 can differ from the data in Table
1, Table 2, Table 3, and Table 4. Table 8 shows how gain, P1dB,
and OIP3 vary with the bias current at 34 GHz.
BIASING THE ADPA7002 WITH THE
HMC980LP4E
The HMC980LP4E is an active bias controller designed to meet the
bias requirement for depletion mode amplifiers like the ADPA7002.
The HMC980LP4E provides constant current biasing over temper-
ature, provides device to device variation, properly sequences
the gate and drain voltages to ensure safe operation, and offers
self protection in the event of a short circuit. The HMC980LP4E
contains an internal charge pump that generates negative voltage
needed for the ADPA7002 gate and that can be used as an external
negative voltage source.
For more information regarding the usage of HMC980LP4E, refer to
the HMC980LP4E data sheet and the AN-1363 Application Note.
Figure 53. Functional Diagram of HMC980LP4E
Application Circuit Setup
Figure 54 shows a schematic of an application circuit us-
ing the HMC980LP4E to control the drain current of the ADPA7002
biased at 800 mA. In this example, the negative gate control volt-
age is generated by HMC980LP4E. Figure 55 shows an application
circuit using an external negative supply.
In the application circuit, the ADPA7002 drain voltage and drain
current are set by the following equations:
VDRAIN = VDD − (IDRAIN × 0.85 Ω)
VDRAIN = 5.68 V − (800 mA × 0.85 Ω)
VDRAIN = 5 V
and
IDRAIN = (150 Ω)/(R10)
IDRAIN = (150 Ω)/(187 Ω)
IDRAIN = 0.802 A
where:
VDRAIN is the drain voltage, or VDD.
VDD is the supply voltage to the HMC980LP4E.
IDRAIN is the output current from Pin 17 and Pin 18 on the
HMC980LP4E.
Limiting VGATE to Meet the ADPA7002 VGG1
AMR Requirement
When using the ADPA7002 with the HMC980LP4E, limit the mini-
mum voltages for VNEG and VGATE to −1.5 V to keep the voltages
within the absolute maximum ratings limit for the VGG1 pins. To limit
the minimum voltages for VNEG and VGATE, set the R15 resistor
and the R16 resistor to 732 kΩ and 632 kΩ, respectively. Refer to
the AN-1363 Application Note for more information and for the R15
and R16 calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com